Electronic Components Datasheet Search |
|
5207827-4 Datasheet(PDF) 1 Page - Tyco Electronics |
|
5207827-4 Datasheet(HTML) 1 Page - Tyco Electronics |
1 / 14 page 76 Catalog 82068 Dimensions are shown for Dimensions are in inches and Canada: +1 (905) 475-6222 UK: +44 (0) 800-267666 Revised 4-12 reference purposes only. millimeters unless otherwise Mexico/C. Am.: +52 (0) 55-1106-0800 France: +33 (0) 1-3420-8686 Specifications subject specified. Latin/S. Am.: +54 (0) 11-4733-2200 Netherlands: +31 (0) 73-6246-999 www.te.com to change. USA: +1 (800) 522-6752 Germany: +49 (0) 6251-133-1999 China: +86 (0) 400-820-6015 AMPLIMITE Subminiature D Connectors HD-20 Straight Posted Connectors No. of Contact Plating Connector Post Style and Contact Mating (Mating Area/ Post Density Type Style Shell Finish Positions Hardware Solder Tails) Length Profile Duplex Full Metal-Shell 9 .120 (.000030 [0.00076] .125 With and 15 [3.05] Gold/Tin) [3.18] Without Grounding 25 Dia. Holes High Indents, 37 Duplex .188 Tin Plated 50 Clinch (Gold Flash/ [4.78] (pgs. 78 and 79) Nuts Tin) .120 [.318] Duplex .125 Front Metal-Shell 9 Dia. Holes (.000030 [0.00076] [3.18] With and Without 15 Gold/Tin) Plugs Grounding Indents 25 Threaded Inserts .170 Medium and Straight (pgs. 80 and 81) 37 Retention Inserts Duplex [4.32] Receptacles (Gold Flash/ Female Tin) .250 Screwlocks [6.35] .120 [3.05] Duplex .125 9 Dia. Holes (.000030 [0.00076] [3.18] 15 Gold/Tin) All-Plastic 25 Threaded .170 Medium (pgs. 82-85) 37 Inserts Duplex [4.32] 50 (Gold Flash/ Female Tin) .250 Screwlocks [6.35] .120 [3.05] Duplex 9 Dia. Holes (.00030 [0.00076] Plugs Front Metal-Shell 15 Gold/Tin) .228 and Tin Plated 25 Threaded [5.79] Medium Receptacles (pgs. 87 and 88) 37 Inserts Duplex Female (Gold/Tin) Screwlocks .120 [3.05] Duplex 9 Dia. Holes (.000030 [0.00076] Receptacles All-Plastic 15 Gold Flash/Tin) .228 (pg. 89) 25 Threaded [5.79] Low/High 37 Inserts Duplex 50 (.000010 [0.000254] Female Gold Flash/Tin) Screwlocks .120 Duplex [3.05] (.000030 [0.00076] Front Metal-Shell 15 Dia. Holes Gold/Tin) Plugs With 26 Duplex .125 and Straight Grounding Indents, 44 Threaded (.000015 [0.00038] [3.18] Medium Receptacles Nickel Plated 62 Inserts Gold/Tin) (pg. 86) 78 Female Duplex Screwlocks (Gold Flash/Tin) Product Selection Guide HD-20 ACTION PIN HD-22 |
Similar Part No. - 5207827-4 |
|
Similar Description - 5207827-4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |