Electronic Components Datasheet Search |
|
5749621-8 Datasheet(PDF) 11 Page - Tyco Electronics |
|
5749621-8 Datasheet(HTML) 11 Page - Tyco Electronics |
11 / 32 page 16 Catalog 82068 Dimensions are shown for Dimensions are in inches and Canada: +1 (905) 475-6222 UK: +44 (0) 800-267666 Revised 4-12 reference purposes only. millimeters unless otherwise Mexico/C. Am.: +52 (0) 55-1106-0800 France: +33 (0) 1-3420-8686 Specifications subject specified. Latin/S. Am.: +54 (0) 11-4733-2200 Netherlands: +31 (0) 73-6246-999 www.te.com to change. USA: +1 (800) 522-6752 Germany: +49 (0) 6251-133-1999 China: +86 (0) 400-820-6015 AMPLIMITE Subminiature D Connectors AMPLIMITE .050 Series Shielded Backshell Kits, With Jackscrews, Series III Materials: Jackscrews—Stainless steel or steel, black electroless nickel plated Jackscrew Caps—Polyolefin or PVC, black 2-56 Screws—Stainless steel Backshell—Zinc, plated nickel over copper Strain Relief Staple—Steel, plated tin over nickel Technical Documents: Product Specifications—108-1228 Application Specifications— 114-40029 Instruction Sheet—408-9427 Straight Exit Male Jackscrews Style A Straight Exit Male Jackscrews Style B Style A Straight Exit Male Jackscrews Style B Straight Exit Male Jackscrews Straight Exit Female Jackscrews Style A Style A Straight Exit Female Jackscrews A B C Cable Supplied By Customer Strain Relief Staple (1 Supplied) Jackscrew 2-56 Thd. (2 Supplied) Machine Screw Connector (Must Be Purchased Separately) Upper Shield (1 Supplied) Lower Shield (1 Supplied) A B C Cable Supplied By Customer Strain Relief Staple (1 Supplied) Jackscrew 2-56 Thd. (2 Supplied) Machine Screw Connector (Must Be Purchased Separately) Upper Shield (1 Supplied) A B C Cable Supplied By Customer Connector (Must be Purchased Separately) .404 [10.26] Strain Relief (1 Supplied) Jackscrew 2-56 Thd. (2 Supplied) Machine Screws (4 Supplied) Upper Shield (1 Supplied) Lower Shield (1 Supplied) Lower Shield (1 Supplied) |
Similar Part No. - 5749621-8 |
|
Similar Description - 5749621-8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |