Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7P30L-TA3-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 7P30L-TA3-T
Description  6.0A, 300V, SWITCHING P-CHANNEL POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7P30L-TA3-T Datasheet(HTML) 1 Page - Unisonic Technologies

  7P30L-TA3-T Datasheet HTML 1Page - Unisonic Technologies 7P30L-TA3-T Datasheet HTML 2Page - Unisonic Technologies 7P30L-TA3-T Datasheet HTML 3Page - Unisonic Technologies 7P30L-TA3-T Datasheet HTML 4Page - Unisonic Technologies 7P30L-TA3-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
7P30
POWER MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-918.C
6.0A, 300V, SWITCHING
P-CHANNEL POWER MOSFET
DESCRIPTION
The UTC 7P30 is a P-channel MOS Field Effect Transistor. it uses
UTC’s advanced technology to provide the customers with high
switching speed and a minimum on-state resistance.
The UTC 7P30 is suitable for high voltage switching applications.
FEATURES
* RDS(ON)<1Ω @ VGS=-10V, ID=-3.0A
* High switching speed
* Low input capacitance
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
7P30L-TA3-T
7P30G-TA3-T
TO-220
G
D
S
Tube
Note: Pin Assignment: G: Gate
D: Drain
S: Source
MARKING INFORMATION
PACKAGE
MARKING
TO-220


Similar Part No. - 7P30L-TA3-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7P301V330J032 ETC2-7P301V330J032 Datasheet
186Kb / 2P
   Photoflash, High-Energy, Long Life, Aluminum
logo
Cornell Dubilier Electr...
7P301V330J032 CDE-7P301V330J032 Datasheet
186Kb / 2P
   Type 7P 55 째C Photoflash, High-Energy, Long Life, Aluminum
7P301V330J032 CDE-7P301V330J032 Datasheet
303Kb / 3P
   High Energy, Long-Life, Snapmount or Solder-Lug Terminals
7P301V330J032 CDE-7P301V330J032_13 Datasheet
303Kb / 3P
   High Energy, Long-Life, Snapmount or Solder-Lug Terminals
logo
List of Unclassifed Man...
7P301V330K012 ETC2-7P301V330K012 Datasheet
186Kb / 2P
   Photoflash, High-Energy, Long Life, Aluminum
More results

Similar Description - 7P30L-TA3-T

ManufacturerPart #DatasheetDescription
logo
NEC
UPA2714GR NEC-UPA2714GR Datasheet
89Kb / 8P
   SWITCHING P-CHANNEL POWER MOSFET
logo
Renesas Technology Corp
NP83P06PDG RENESAS-NP83P06PDG_15 Datasheet
299Kb / 9P
   SWITCHING P-CHANNEL POWER MOSFET
NP20P06SLG RENESAS-NP20P06SLG_15 Datasheet
307Kb / 9P
   SWITCHING P-CHANNEL POWER MOSFET
NP36P06SLG-E1-AY RENESAS-NP36P06SLG-E1-AY Datasheet
286Kb / 9P
   SWITCHING P-CHANNEL POWER MOSFET
logo
NEC
UPA2711GR NEC-UPA2711GR Datasheet
149Kb / 7P
   SWITCHING P-CHANNEL POWER MOSFET
UPA1772 NEC-UPA1772 Datasheet
67Kb / 6P
   SWITCHING P-CHANNEL POWER MOSFET
UPA2713GR NEC-UPA2713GR Datasheet
77Kb / 7P
   SWITCHING P-CHANNEL POWER MOSFET
UPA2730TP NEC-UPA2730TP Datasheet
80Kb / 8P
   SWITCHING P-CHANNEL POWER MOSFET
UPA1730TP NEC-UPA1730TP Datasheet
65Kb / 8P
   SWITCHING P-CHANNEL POWER MOSFET
logo
Renesas Technology Corp
NP15P04SLG RENESAS-NP15P04SLG_15 Datasheet
305Kb / 9P
   SWITCHING P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com