Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB011D-SH-SL954 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AT45DB011D-SH-SL954
Description  1-megabit 2.7-volt Minimum DataFlash
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB011D-SH-SL954 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AT45DB011D-SH-SL954 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT45DB011D-SH-SL954 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT45DB011D-SH-SL954 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT45DB011D-SH-SL954 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT45DB011D-SH-SL954 Datasheet HTML 9Page - List of Unclassifed Manufacturers AT45DB011D-SH-SL954 Datasheet HTML 10Page - List of Unclassifed Manufacturers AT45DB011D-SH-SL954 Datasheet HTML 11Page - List of Unclassifed Manufacturers AT45DB011D-SH-SL954 Datasheet HTML 12Page - List of Unclassifed Manufacturers AT45DB011D-SH-SL954 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
9
3639J–DFLASH–11/2012
AT45DB011D
7.6
Sector Erase
The Sector Erase command can be used to individually erase any sector in the main memory.
There are four sectors and only one sector can be erased at one time. To perform sector 0a or
sector 0b erase for the DataFlash standard page size (264-bytes), an opcode of 7CH must be
loaded into the device, followed by three address bytes comprised of five don’t care bits, seven-
page address bits (PA9 - PA3) and 12 don’t care bits. To perform a sector 1-3 erase, the opcode
7CH must be loaded into the device, followed by three address bytes comprised of six don’t care
bits, two page address bits (PA8 - PA7) and 16 don’t care bits. To perform sector 0a or sector 0b
erase for the binary page size (256-bytes), an opcode of 7CH must be loaded into the device,
followed by three address bytes comprised of six don’t care bits and seven page address bits
(A17 - A11) and 11 don’t care bits. To perform a sector 1-3 erase, the opcode 7CH must be
loaded into the device, followed by three address bytes comprised of seven don’t care bit and
two page address bits (A16 - A15) and 16 don’t care bits. The page address bits are used to
specify any valid address location within the sector which is to be erased. When a low-to-high
transition occurs on the CS pin, the part will erase the selected sector. The erase operation is
internally self-timed and should take place in a maximum time of t
SE. During this time, the status
register will indicate that the part is busy.
Table 7-1.
Block Erase Addressing
PA8/
A16
PA7/
A15
PA6/
A14
PA5/
A13
PA4/
A12
PA3/
A11
PA2/
A10
PA1/
A9
PA0/
A8
Block
000000
X
X
X
0
000001
X
X
X
1
000010
X
X
X
2
000011
X
X
X
3
111100
X
X
X
60
111101
X
X
X
61
111110
X
X
X
62
111111
X
X
X
63
Table 7-2.
Sector Erase Addressing
PA8/
A16
PA7/
A15
PA6/
A14
PA5/
A13
PA4/
A12
PA3/
A11
PA2/
A10
PA1/
A9
PA0/
A8
Sector
000000
X
X
X
0a
000001
X
X
X
0b
010000000
1
1
0
XXXXXXX
2
1
1
XXXXXXX
3


Similar Part No. - AT45DB011D-SH-SL954

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB011D-SH-SL954 ATMEL-AT45DB011D-SH-SL954 Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
AT45DB011D-SH-SL954 ATMEL-AT45DB011D-SH-SL954 Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
logo
List of Unclassifed Man...
AT45DB011D-SH-SL954 ETC2-AT45DB011D-SH-SL954 Datasheet
2Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
More results

Similar Description - AT45DB011D-SH-SL954

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB011D ATMEL-AT45DB011D_08 Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
AT45DB011D ATMEL-AT45DB011D_09 Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
logo
List of Unclassifed Man...
AT45DB011D ETC2-AT45DB011D Datasheet
2Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
logo
ATMEL Corporation
AT45DB021D ATMEL-AT45DB021D_09 Datasheet
1Mb / 54P
   2-megabit 2.7-volt Minimum DataFlash
AT45DB021D ATMEL-AT45DB021D_08 Datasheet
1Mb / 52P
   2-megabit 2.7-volt Minimum DataFlash
AT45DB011D ATMEL-AT45DB011D_07 Datasheet
1Mb / 52P
   1-megabit 2.7-volt DataFlash
AT45DB011B ATMEL-AT45DB011B_06 Datasheet
408Kb / 32P
   1-megabit 2.7-volt Only DataFlash
AT45DB321C ATMEL-AT45DB321C Datasheet
610Kb / 37P
   32 MEGABIT 2.7 VOLT DATAFLASH
AT45DB011 ATMEL-AT45DB011 Datasheet
150Kb / 19P
   1-Megabit 2.7-volt Only Serial DataFlash
AT45DB011 ATMEL-AT45DB011_01 Datasheet
253Kb / 20P
   1-megabit 2.7-volt Only Serial DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com