Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-5747871-3 Datasheet(PDF) 10 Page - Tyco Electronics

Part # 1-5747871-3
Description  HD-20 Straight Posted Connectors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-5747871-3 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button 1-5747871-3 Datasheet HTML 6Page - Tyco Electronics 1-5747871-3 Datasheet HTML 7Page - Tyco Electronics 1-5747871-3 Datasheet HTML 8Page - Tyco Electronics 1-5747871-3 Datasheet HTML 9Page - Tyco Electronics 1-5747871-3 Datasheet HTML 10Page - Tyco Electronics 1-5747871-3 Datasheet HTML 11Page - Tyco Electronics 1-5747871-3 Datasheet HTML 12Page - Tyco Electronics 1-5747871-3 Datasheet HTML 13Page - Tyco Electronics 1-5747871-3 Datasheet HTML 14Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
85
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
HD-20 All-Plastic Straight Posted Connectors (Continued)
Receptacle
(Continued)
Receptacle Part Numbers
No. of
Contact
With
Contact
Finish
.120 [3.05]
With
With Fixed
Shell
Positions
Dimensions
(Plating
Mounting
Threaded
Female
Size
A
BC
*D*
Code)
Holes
Inserts
Screwlocks
.125
A
5207826-4
5207841-4
5745076-4
1.228
.984
.420
3.18
B
5207826-3
5207841-3
5745076-3
19
32.72
24.99
10.67
.170
A
——
5745076-6
4.32
.125
A
5207827-4
5745057-4
5745077-4
1.546
1.312
.420
3.18
B
5207827-3
5745057-3
5745077-3
2
15
39.27
33.33
10.67
.170
A
——
5745077-6
4.32
.125
A
5207828-4
5745058-4
5745078-4
2.095
1.852
.420
3.18
B
5207828-3
5745058-3
5745078-3
3
25
53.21
47.04
10.67
.170
A
——
5745078-6
4.32
B—
5745078-5
.125
A
5207829-4
5745059-4
5745079-4
2.737
2.500
.420
3.18
4
37
69.52
63.50
10.67
.170
A—
5745079-6
4.32
.125
A
——
5745080-4
2.643
2.406
.527
3.18
5
50
67.13
61.11
13.39
.170
A—
5745080-6
4.32
*.125 [3.18] post length is recommended for pc board thickness of .062-.093 [1.58-2.36] max.; .170 [4.32] post length
is recommended for pc board thickness of .093-.125 [2.36-3.18]; .250 [6.35] post length is for special applications.
Notes: 1. All receptacles are preloaded with size 20 DF posted socket contacts.
2. It is recommended that these connectors be secured with appropriate hardware to a pc board and/or panel.
Notes: 3. Male screw retainers are used as mating hardware for connectors with 4-40 female screwlocks.


Similar Part No. - 1-5747871-3

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-5747871-3 TEC-1-5747871-3 Datasheet
393Kb / 14P
   AMPLIMITE Subminiature D Connectors
More results

Similar Description - 1-5747871-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5747838-6 MACOM-5747838-6 Datasheet
978Kb / 37P
   Right-Angle Posted Connectors
5745395-2 MACOM-5745395-2 Datasheet
1Mb / 37P
   Right-Angle Posted Connectors
5749234-3 MACOM-5749234-3 Datasheet
978Kb / 37P
   Right-Angle Posted Connectors
logo
Molex Electronics Ltd.
45802-0311 MOLEX-45802-0311 Datasheet
903Kb / 2P
   HD Mezz??Connectors
logo
Tyco Electronics
3-641437-4 MACOM-3-641437-4 Datasheet
118Kb / 1P
   MTA 156 POSTED CONNECTOR ASSEMBLY
169341 MACOM-169341 Datasheet
52Kb / 1P
   HANDTOOL FOR HD 20 CONTACTS
logo
TE Connectivity Ltd
C-169341 TEC-C-169341 Datasheet
48Kb / 1P
   HANDTOOL FOR HD 20 CONTACTS
logo
Eorex Corporation
EM47FM0888SBA EOREX-EM47FM0888SBA Datasheet
2Mb / 39P
   Posted CAS by programmable additive latency
logo
Tyco Electronics
644814 MACOM-644814 Datasheet
129Kb / 1P
   MTA-156 POSTED CONNECTOR ASSEMBLY, 22 AWG
logo
Molex Electronics Ltd.
1001890202 MOLEX-1001890202 Datasheet
1Mb / 3P
   4X INT. HD SHORT BODY STRAIGHT
2017/01/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com