Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-5120534-2 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 1-5120534-2
Description  Stacking Height Guide for Parallel Board-to-Board Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-5120534-2 Datasheet(HTML) 3 Page - Tyco Electronics

  1-5120534-2 Datasheet HTML 1Page - Tyco Electronics 1-5120534-2 Datasheet HTML 2Page - Tyco Electronics 1-5120534-2 Datasheet HTML 3Page - Tyco Electronics 1-5120534-2 Datasheet HTML 4Page - Tyco Electronics 1-5120534-2 Datasheet HTML 5Page - Tyco Electronics 1-5120534-2 Datasheet HTML 6Page - Tyco Electronics 1-5120534-2 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
84
Catalog 889092
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 9-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
1.0mm Free Height (FH) (IEEE 1386) Connectors (Continued)
Fine Pitch SMT Stacking Connectors
(Parallel Board-to-Board)
Additional clearance during mating increases reliability by
allowing registration misalignment and eliminating stresses
on the solder joints.
Tyco Electronics Product
Competitive Product
Improved locating posts allow fast, accurate hand place-
ment on the board by ensuring proper location at both the
minimum and maximum dimensions of connector material
tolerances and PC board hole tolerances.
Alignment
Post 1
Alignment
Post 2
Max PCB
Hole Shown
Max PCB
Hole Shown
Max PCB Hole
Shown Typ.
Alignment Post
Shown Typ.
0.041
[.0016]
0.005
[.0002]
0.015
[.0006]
0.12
[.0047]
0.11
[.0043]
0.11
[.0043]
0.11
[.0043]
Clearance
019
[.0075]
Clearance
0.046
[.0018]
Clearance
0.041
[.0016]
Clearance
Tyco Electronics Product
Competitive Product
No. of
Stack
With Locating Posts
Without Locating Posts
With Locating Posts
Positions
Plating
Height
Without Pickup Cap
With Pickup Cap
With Pickup Cap
Receptacle
Plug
Receptacle
Plug
Receptacle
Plug
8.00 [.315]
5120521-1
5120525-1
5120528-1
5120532-1
5146893-1
5146897-1
9.00 [.354]
5120521-1
5120526-1
5120528-1
5120533-1
5146893-1
5146898-1
10.00 [.394]
5120521-1
5120527-1
5120528-1
5120534-1
5146893-1
5146888-1
30µ" Au
11.00 [.433]
5120603-1
5120526-1
5120529-1
5120533-1
5146894-1
5146898-1
12.00 [.472]
5120603-1
5120527-1
5120529-1
5120534-1
5146894-1
5146888-1
13.00 [.512]
5120523-1
5120527-1
5120530-1
5120534-1
5146895-1
5146888-1
14.00 [.551]
5120524-1
5120526-1
5120531-1
5120533-1
5146896-1
5146898-1
64
15.00 [.591]
5120524-1
5120527-1
5120531-1
5120534-1
5146896-1
5146888-1
8.00 [.315]
1-5120521-1
1-5120525-1
1-5120528-1
1-5120532-1
1-5146893-1
1-5146897-1
9.00 [.354]
1-5120521-1
1-5120526-1
1-5120528-1
1-5120533-1
1-5146893-1
1-5146898-1
10.00 [.394]
1-5120521-1
1-5120527-1
1-5120528-1
1-5120534-1
1-5146893-1
1-5146888-1
50µ" Au
11.00 [.433]
1-5120603-1
1-5120526-1
1-5120529-1
1-5120533-1
1-5146894-1
1-5146898-1
12.00 [.472]
1-5120603-1
1-5120527-1
1-5120529-1
1-5120534-1
1-5146894-1
1-5146888-1
13.00 [.512]
1-5120523-1
1-5120527-1
1-5120530-1
1-5120534-1
1-5146895-1
1-5146888-1
14.00 [.551]
1-5120524-1
1-5120526-1
1-5120531-1
1-5120533-1
1-5146896-1
1-5146898-1
15.00 [.591]
1-5120524-1
1-5120527-1
1-5120531-1
1-5120534-1
1-5146896-1
1-5146888-1
8.00 [.315]
5120521-2
5120525-2
5120528-2
5120532-2
5146893-2
5146897-2
9.00 [.354]
5120521-2
5120526-2
5120528-2
5120533-2
5146893-2
5146898-2
10.00 [.394]
5120521-2
5120527-2
5120528-2
5120534-2
5146893-2
5146888-2
30µ" Au
11.00 [.433]
5120603-2
5120526-2
5120529-2
5120533-2
5146894-2
5146898-2
12.00 [.472]
5120603-2
5120527-2
5120529-2
5120534-2
5146894-2
5146888-2
13.00 [.512]
5120523-2
5120527-2
5120530-2
5120534-2
5146895-2
5146888-2
14.00 [.551]
5120524-2
5120526-2
5120531-2
5120533-2
5146896-2
5146898-2
84
15.00 [.591]
5120524-2
5120527-2
5120531-2
5120534-2
5146896-2
5146888-2
8.00 [.315]
1-5120521-2
1-5120525-2
1-5120528-2
1-5120532-2
1-5146893-2
1-5146897-2
9.00 [.354]
1-5120521-2
1-5120526-2
1-5120528-2
1-5120533-2
1-5146893-2
1-5146898-2
10.00 [.394]
1-5120521-2
1-5120527-2
1-5120528-2
1-5120534-2
1-5146893-2
1-5146888-2
50µ" Au
11.00 [.433]
1-5120603-2
1-5120526-2
1-5120529-2
1-5120533-2
1-5146894-2
1-5146898-2
12.00 [.472]
1-5120603-2
1-5120527-2
1-5120529-2
1-5120534-2
1-5146894-2
1-5146888-2
13.00 [.512]
1-5120523-2
1-5120527-2
1-5120530-2
1-5120534-2
1-5146895-2
1-5146888-2
14.00 [.551]
1-5120524-2
1-5120526-2
1-5120531-2
1-5120533-2
1-5146896-2
1-5146898-2
15.00 [.591]
1-5120524-2
1-5120527-2
1-5120531-2
1-5120534-2
1-5146896-2
1-5146888-2
Notes: Receptacle specifications are shown on pages 85 and 86; plug specifications are shown on pages 87 and 88.
Part Numbers are RoHS compliant.
1.0mm Free Height (FH) (IEEE 1386) Connector Assemblies


Similar Part No. - 1-5120534-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-5120603-1 TEC-1-5120603-1 Datasheet
327Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
1-5120603-2 TEC-1-5120603-2 Datasheet
327Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 1-5120534-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5177984-6 MACOM-5177984-6 Datasheet
769Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
1-5316135-1 MACOM-1-5316135-1 Datasheet
471Kb / 15P
   Stacking Height Guide for Parallel Board-to-Board Applications
421686 MACOM-421686 Datasheet
327Kb / 9P
   Stacking Height Guide for Parallel Board-to-Board Applications
5179030-5 MACOM-5179030-5 Datasheet
418Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
5-5179010-2 MACOM-5-5179010-2 Datasheet
400Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
logo
Japan Aviation Electron...
WP10 JAE-WP10 Datasheet
898Kb / 7P
   Stacking Type Board-to-Board (FPC) Connector
WP6C JAE-WP6C Datasheet
406Kb / 5P
   0.4mm Pitch, Stacking Type Board-to-board Connector
AA01A JAE-AA01A Datasheet
465Kb / 6P
   0.5mm Pitch Stacking Type Board-to-Board Connector
WP6 JAE-WP6 Datasheet
883Kb / 8P
   0.4mm Pitch, Stacking Type Board-to-Board Connector
AA07 JAE-AA07 Datasheet
449Kb / 7P
   0.4mm Pitch, Stacking Type Board-to-Board(FPC) Connector
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com