Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5N70ZL-TF3-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 5N70ZL-TF3-T
Description  5A, 700V LOGIC N-CHANNEL MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

5N70ZL-TF3-T Datasheet(HTML) 3 Page - Unisonic Technologies

  5N70ZL-TF3-T Datasheet HTML 1Page - Unisonic Technologies 5N70ZL-TF3-T Datasheet HTML 2Page - Unisonic Technologies 5N70ZL-TF3-T Datasheet HTML 3Page - Unisonic Technologies 5N70ZL-TF3-T Datasheet HTML 4Page - Unisonic Technologies 5N70ZL-TF3-T Datasheet HTML 5Page - Unisonic Technologies 5N70ZL-TF3-T Datasheet HTML 6Page - Unisonic Technologies 5N70ZL-TF3-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
5N70Z
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-911. D
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
700
V
Gate-Source Voltage
VGSS
±20
V
Avalanche Current (Note 2)
IAR
5
A
Drain Current
Continuous
ID
5
A
Pulsed (Note 2)
IDM
20
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
100
mJ
Repetitive (Note 2)
EAR
10
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
Power Dissipation
TO-220F/TO-220F1
TO-220F2
PD
36
W
TO-251/TO-252
28
W
Junction Temperature
TJ
+150
°C
Operation Temperature
TOPR
-55~+150
°C
Storage Temperature
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by maximum junction temperature.
3. L=6.2mH, IAS=5A, VDD=50V, RG=25Ω, Starting TJ=25°C.
4. ISD≤4.5A, di/dt≤300A/µs, VDD≤BVDSS, Starting TJ=25°C
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220F/TO-220F1
TO-220F2
θJA
62.5
°C/W
TO-251/TO-252
110
°C/W
Junction to Case
TO-220F/TO-220F1
TO-220F2
θJC
3.47
°C/W
TO-251/TO-252
4.53
°C/W


Similar Part No. - 5N70ZL-TF3-T

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
5N70A YFWDIODE-5N70A Datasheet
1Mb / 7P
   5A 700V N-channel enhanced field effect transistor
logo
Unisonic Technologies
5N70K UTC-5N70K Datasheet
211Kb / 6P
   5A, 700V N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
5N70K VBSEMI-5N70K Datasheet
1Mb / 8P
   N-Channel 700 V (D-S) Power MOSFET
logo
Unisonic Technologies
5N70K-MT UTC-5N70K-MT Datasheet
248Kb / 7P
   N-CHANNEL POWER MOSFET
5N70KG-TA3-T UTC-5N70KG-TA3-T Datasheet
248Kb / 7P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 5N70ZL-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N70K UTC-5N70K Datasheet
211Kb / 6P
   5A, 700V N-CHANNEL POWER MOSFET
logo
Bruckewell Technology L...
MSD2N70 BWTECH-MSD2N70 Datasheet
1,016Kb / 8P
   700V N-Channel MOSFET
MSF2N70 BWTECH-MSF2N70 Datasheet
1Mb / 8P
   700V N-Channel MOSFET
MSF6N70 BWTECH-MSF6N70 Datasheet
959Kb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP2N70S SEMIHOW-HFP2N70S Datasheet
949Kb / 8P
   700V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF15N70 FAIRCHILD-FQAF15N70 Datasheet
756Kb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD1N70 SEMIHOW-HFD1N70 Datasheet
730Kb / 8P
   700V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP6N70 FAIRCHILD-FQP6N70 Datasheet
763Kb / 8P
   700V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR10N70FG FOSTER-FIR10N70FG Datasheet
2Mb / 8P
   700V N-Channel MOSFET
logo
Pan Jit International I...
PJU6NA70 PANJIT-PJU6NA70 Datasheet
442Kb / 8P
   700V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com