Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5N70KL-TF3-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 5N70KL-TF3-T
Description  5A, 700V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

5N70KL-TF3-T Datasheet(HTML) 6 Page - Unisonic Technologies

  5N70KL-TF3-T Datasheet HTML 1Page - Unisonic Technologies 5N70KL-TF3-T Datasheet HTML 2Page - Unisonic Technologies 5N70KL-TF3-T Datasheet HTML 3Page - Unisonic Technologies 5N70KL-TF3-T Datasheet HTML 4Page - Unisonic Technologies 5N70KL-TF3-T Datasheet HTML 5Page - Unisonic Technologies 5N70KL-TF3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
5N70K
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R502-887.a
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 5N70KL-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N70KL-TF3-T UTC-5N70KL-TF3-T Datasheet
248Kb / 7P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 5N70KL-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N70Z UTC-5N70Z Datasheet
258Kb / 7P
   5A, 700V LOGIC N-CHANNEL MOSFET
logo
DIYI Electronic Technol...
7N70 DYELEC-7N70 Datasheet
2Mb / 7P
   700V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM2N70 TSC-TSM2N70_11 Datasheet
442Kb / 10P
   700V N-Channel Power MOSFET
TSM8N70 TSC-TSM8N70 Datasheet
476Kb / 8P
   700V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N70 DYELEC-6N70 Datasheet
2Mb / 8P
   700V N-Channel Power MOSFET
7N70L DYELEC-7N70L Datasheet
2Mb / 6P
   700V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM8N70 TSC-TSM8N70_12 Datasheet
3Mb / 8P
   700V N-Channel Power MOSFET
TSM2N70 TSC-TSM2N70 Datasheet
211Kb / 7P
   700V N-Channel Power MOSFET
logo
Unisonic Technologies
10N70Z UTC-10N70Z Datasheet
209Kb / 6P
   10A, 700V N-CHANNEL POWER MOSFET
4N70K UTC-4N70K Datasheet
250Kb / 6P
   4.4A, 700V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com