Electronic Components Datasheet Search |
|
5120534-2 Datasheet(PDF) 2 Page - Tyco Electronics |
|
5120534-2 Datasheet(HTML) 2 Page - Tyco Electronics |
2 / 7 page 83 Catalog 889092 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 9-06 and inches unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are standard equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 1.0mm Free Height (FH) (IEEE 1386) Connectors Fine Pitch SMT Stacking Connectors (Parallel Board-to-Board) Product Facts ■ For board stacking applications ■ High density packaging on 1.0 [.039] centerline spacing ■ Available in standard 64-position and optional 84-position sizes ■ “Tape-and-reel” packaged per EIA standards ■ Board stacking heights available from 8 [.315] to 15 [.591] (see page 84) ■ Increased plastic clearance eliminates stress to solder joints during mating (see page 84) ■ Improved locating posts ensure accurate hand or robotic placement (see page 84) ■ Meets EIA-700 AAAB specifications for IEEE 1386 applications ■ All 1.0mm Free Height products within this section are RoHS Compliant As a standard for adding local PCI or Sbus perform- ance to Futurebus+ and VMEbus applications, IEEE 1386 offers new levels of performance and pack- aging convenience through the mezzanine architecture. Tyco Electronics makes it easier and more productive to add an IEEE 1386 mez- zanine connector to your system. The surface-mount parallel stacking connector features contacts on a 1.0 [.039] pitch and is available in eight stacking heights from 8 [.315] to 15 [.591]. Sizes include the IEEE 1386 standard 64-position version and an optional 84-position version. Not only is the connector compatible with EIA-700 AAAB — the connector standard for IEEE 1386 mezzanine connectors — it offers several enhance- ments that make it easier to use and more reliable. Increased plastic clearance between mating connectors makes it easier to align mul- tiple connectors for mating, thus eliminating stress to the solder joints during engagement. Improved locating posts allow fast, highly accurate hand place- ment of connectors. The connectors are available with vacuum covers for automated placement. Performance Characteristics Current Rating — 1.0 ampere per contact Contact Resistance — 30 milliohms max. (initial) Durability — tested to 100 mating cycles min. Technical Documents (page 113) Product Specification 108-2246 |
Similar Part No. - 5120534-2 |
|
Similar Description - 5120534-2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |