Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB649AM Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # 2SB649AM
Description  Bipolar General Purpose PNP Power Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

2SB649AM Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  2SB649AM Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 2SB649AM Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 2SB649AM Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 2SB649AM Datasheet HTML 4Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APPLICATIONS
SEMICONDUCTOR
RoHS
RoHS
Bipolar General Purpose PNP Power Transistor
Nell High Power Products
2SB649AM Series
ABSOLUTE MAXIMUM RATINGS (T = 25°C)
a
UNIT
V
PC
IC(peak)
Tstg
PARAMETER
Collector to emitter voltage
ºC
-5
1
-3
-1.5
Peak collector current
Collector current
Collector power dissipation
Junction temperature
-180
-160
20
VALUE
VCBO
Tj
-55 to 150
150
A
Collector to base voltage
Emitter to base voltage
SYMBOL
VCEO
VEBO
IC
T = 25°C
C
Storage temperature
Page 1 of 4
www.nellsemi.com
2SB649AM
2SB649AM-A
-180
-120
W
TO-126
All dimensions in millimeters
8.0±0.5
º
12
0
Ø3.1
+0.15
- 0.1
2.7± 0.4
1.2
0.55
2.29±0.5
2.29±0.5
0.8
1.1
B
C
E
PNP
E
C
B
Low frequency power amplifier complementary
pair with 2SD669AM/2SD669AM-A
T = 25°C
A
1
2 3
(E)
(C)
(B)
-1.5A / -120V, -160V / 20W


Similar Part No. - 2SB649AM

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SB649A HITACHI-2SB649A Datasheet
35Kb / 8P
   Silicon PNP Epitaxial
logo
Guangdong Kexin Industr...
2SB649A KEXIN-2SB649A Datasheet
73Kb / 1P
   PNP Silicon Transistor
logo
TRANSYS Electronics Lim...
2SB649A TEL-2SB649A Datasheet
63Kb / 1P
   TO-126C Plastic-Encapsulated Transistors
logo
Inchange Semiconductor ...
2SB649A ISC-2SB649A Datasheet
297Kb / 2P
   isc Silicon PNP Power Transistor
logo
Weitron Technology
2SB649A WEITRON-2SB649A Datasheet
272Kb / 5P
   PNP Epitaxial Planar Transistors
More results

Similar Description - 2SB649AM

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SB649 UTC-2SB649 Datasheet
77Kb / 4P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SD669 UTC-2SD669_10 Datasheet
126Kb / 4P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SB649 UTC-2SB649_11 Datasheet
232Kb / 4P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SB649A UTC-2SB649A_15 Datasheet
300Kb / 5P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SB649 UTC-2SB649_09 Datasheet
194Kb / 4P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SD669 UTC-2SD669_12 Datasheet
138Kb / 4P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SD669 UTC-2SD669 Datasheet
77Kb / 5P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SD669A UTC-2SD669A_15 Datasheet
241Kb / 6P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
logo
Central Semiconductor C...
PN4354 CENTRAL-PN4354_15 Datasheet
87Kb / 2P
   PNP SILICON TRANSISTOR GENERAL PURPOSE POWER
2N5193 CENTRAL-2N5193 Datasheet
60Kb / 1P
   PNP SILICON TRANSISTOR GENERAL PURPOSE POWER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com