Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1941B Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # 2SA1941B
Description  Silicon PNP triple diffusion planar transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

2SA1941B Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  2SA1941B Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 2SA1941B Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 2SA1941B Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3 of 3
www.nellsemi.com
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
Fig.1 Collector output characteristics
Collector emitter voltage, V
(V)
CE
Collector current, l (A)
C
Fig.4 DC current gain
Collector current, l (A)
C
Fig.5 Safe operating area
Collector-Emitter voltage, V
(V)
CE
Fig.3 I -V
characteristics
C
BE
Collector current, I (A)
C
Fig.2 Collector-Emitter saturation voltage
-10
-8
-6
-4
-2
0
-10
-8
-6
-4
-2
0
-10
-1
-0.1
-0.01
-0.01
-0.1
-1
-10
-100
-10
-8
-6
-4
-2
0
-1.2
-0.8
-0.4
0
-1.6
-2.0
1000
100
10
1
-0.01
-0.1
-1
-10
2SA1941B Series
-250
-200
-150
-100
-50
-40
-30
-20
l
= -10 mA
B
Common emitter
T = 25°C
C
T = 100°C
C
T = -25°C
C
T = 25°C
C
Common emitter
l /l =10
C B
T = 100°C
C
T = 25°C
C
T = -25°C
C
Common emitter
V
= -5V
CE
T = 100°C
C
T = 25°C
C
T = -25°C
C
Common emitter
V
= -5V
CE
-50
-30
-10
-5
-3
-1
-0.5
-0.3
-0.1
-0.05
-2
-10
-30
-100
-300
-3
l max (continuous)
C
l max (pulsed)*
C
1 ms*
10 ms*
100 ms*
DC operation
T = 25°C
C
* Single nonrepetitive
pulse T = 25°C
C
Curves must be derated
linearly with increase in
temperature.
V
max
CEO


Similar Part No. - 2SA1941B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1941 TOSHIBA-2SA1941 Datasheet
147Kb / 2P
   TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
logo
Foshan Blue Rocket Elec...
2SA1941 FOSHAN-2SA1941 Datasheet
938Kb / 6P
   Silicon PNP transistor in a TO-3P Plastic Package.
logo
Toshiba Semiconductor
2SA1941 TOSHIBA-2SA1941 Datasheet
130Kb / 4P
   Power Amplifier Applications
2SA1941 TOSHIBA-2SA1941 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SA1941 ISC-2SA1941 Datasheet
157Kb / 3P
   isc Silicon PNP Power Transistor
More results

Similar Description - 2SA1941B

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
2SA1943BL NELLSEMI-2SA1943BL Datasheet
238Kb / 3P
   Silicon PNP triple diffusion planar transistor
logo
Panasonic Semiconductor
2SB1011 PANASONIC-2SB1011 Datasheet
87Kb / 4P
   Silicon PNP triple diffusion planar type
2SB1054 PANASONIC-2SB1054 Datasheet
89Kb / 3P
   Silicon PNP triple diffusion planar type
logo
Nell Semiconductor Co.,...
TTA1943 NELLSEMI-TTA1943 Datasheet
256Kb / 3P
   Silicon PNP triple diffusion planar transistor -15A/-230V/150W
2SC5027 NELLSEMI-2SC5027 Datasheet
258Kb / 5P
   Silicon NPN triple diffusion planar transistor
2SC5198B NELLSEMI-2SC5198B Datasheet
227Kb / 3P
   Silicon NPN triple diffusion planar transistor
2SC2625B NELLSEMI-2SC2625B Datasheet
258Kb / 3P
   Silicon NPN triple diffusion planar transistor
2SC3679B NELLSEMI-2SC3679B Datasheet
238Kb / 3P
   Silicon NPN triple diffusion planar transistor
2SC3320B NELLSEMI-2SC3320B Datasheet
250Kb / 3P
   Silicon NPN triple diffusion planar transistor
2SC4110B NELLSEMI-2SC4110B Datasheet
271Kb / 4P
   Silicon NPN triple diffusion planar transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com