Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5603593 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5603593
Description  Active module - PLC-RSC-120UC/21/SO46 - 5603593
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5603593 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5603593 Datasheet HTML 1Page - PHOENIX CONTACT 5603593 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/5603593
12/10/13   Page 1 / 2
Active module - PLC-RSC-120UC/21/SO46 - 5603593
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
VARIOFACE relay module, pluggable, 1PDT
Key commercial data
Packing unit
1 PCE
Weight per Piece (excluding packing)
36.29 GRM
Custom tariff number
85364190
Country of origin
Germany
Technical data
Product type
Relay Module
Connection method
Screw connection
Design
PLC series
Input voltage
120 V AC
Classifications
eCl@ss
eCl@ss 4.0
27371102
eCl@ss 4.1
27371102
eCl@ss 5.0
27371603
eCl@ss 5.1
27371603
eCl@ss 6.0
27371603
eCl@ss 7.0
27371603
ETIM
ETIM 3.0
EC001456
ETIM 4.0
EC001504
ETIM 5.0
EC001504
UNSPSC
UNSPSC 6.01
30211917
UNSPSC 7.0901
39121516
UNSPSC 11
39121516
UNSPSC 12.01
39121516
UNSPSC 13.2
39121516


Similar Part No. - 5603593

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5603595 PHOENIX-5603595 Datasheet
51Kb / 3P
   Relay Module - PLC-RSC-120UC/1/SEN/SO46
More results

Similar Description - 5603593

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2967086 PHOENIX-2967086 Datasheet
107Kb / 6P
   Relay Module - PLC-RSC-120UC/21-21
2966197 PHOENIX-2966197 Datasheet
123Kb / 6P
   Relay Module - PLC-RSC-120UC/21
5603595 PHOENIX-5603595 Datasheet
51Kb / 3P
   Relay Module - PLC-RSC-120UC/1/SEN/SO46
2909511 PHOENIX-2909511 Datasheet
433Kb / 16P
   Relay Module - PLC-RSC-120UC/21-21/EX
2980490 PHOENIX-2980490 Datasheet
428Kb / 13P
   Relay Module - PLC-RSC-230UC/21/SO46
10/27/2021
2909525 PHOENIX-2909525 Datasheet
435Kb / 14P
   Relay Module - PLC-RSC-120UC/21/EX
5603157 PHOENIX-5603157 Datasheet
289Kb / 9P
   Relay Module - PLC-RSC-120UC/21/C1D2
10/27/2021
2902956 PHOENIX-2902956 Datasheet
107Kb / 10P
   Relay Module - PLC-RSC-120UC/21 ATEX
2967138 PHOENIX-2967138 Datasheet
97Kb / 6P
   Relay Module - PLC-RSC-120UC/21-21AU
2980351 PHOENIX-2980351 Datasheet
88Kb / 4P
   Relay base - PLC-BSP-120UC/21/SO46
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com