Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB161D-TU-2.5 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AT45DB161D-TU-2.5
Description  16-megabit 2.5V or 2.7V DataFlash
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB161D-TU-2.5 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AT45DB161D-TU-2.5 Datasheet HTML 1Page - List of Unclassifed Manufacturers AT45DB161D-TU-2.5 Datasheet HTML 2Page - List of Unclassifed Manufacturers AT45DB161D-TU-2.5 Datasheet HTML 3Page - List of Unclassifed Manufacturers AT45DB161D-TU-2.5 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT45DB161D-TU-2.5 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT45DB161D-TU-2.5 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT45DB161D-TU-2.5 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT45DB161D-TU-2.5 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT45DB161D-TU-2.5 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
5
3500P–DFLASH–5/2013
AT45DB161D
5.
Device Operation
The device operation is controlled by instructions from the host processor. The list of instructions and their
associated opcodes are contained in Table 15-1 on page 27 through Table 15-7 on page 30. A valid instruction
starts with the falling edge of CS followed by the appropriate 8-bit opcode and the desired buffer or main memory
address location. While the CS pin is low, toggling the SCK pin controls the loading of the opcode and the desired
buffer or main memory address location through the SI (serial input) pin. All instructions, addresses, and data are
transferred with the most significant bit (MSB) first.
Buffer addressing for standard DataFlash page size (528-bytes) is referenced in the datasheet using the
terminology BFA9 - BFA0 to denote the 10 address bits required to designate a byte address within a buffer. Main
memory addressing is referenced using the terminology PA11 - PA0 and BA9 - BA0, where PA11 - PA0 denotes
the 12 address bits required to designate a page address and BA9 - BA0 denotes the 10 address bits required to
designate a byte address within the page.
For “Power of 2” binary page size (512-bytes) the Buffer addressing is referenced in the datasheet using the
conventional terminology BFA8 - BFA0 to denote the nine address bits required to designate a byte address within
a buffer. Main memory addressing is referenced using the terminology A20 - A0, where A20 - A9 denotes the 12
address bits required to designate a page address and A8 - A0 denotes the nine address bits required to designate
a byte address within a page.
6.
Read Commands
By specifying the appropriate opcode, data can be read from the main memory or from either one of the two SRAM
data buffers. The DataFlash supports RapidS protocols for Mode 0 and Mode 3. Please refer to the “Detailed Bit-
level Read Timing” diagrams in this datasheet for details on the clock cycle sequences for each mode.
6.1
Continuous Array Read (Legacy Command: E8H): Up to 66MHz
By supplying an initial starting address for the main memory array, the Continuous Array Read command can be
utilized to sequentially read a continuous stream of data from the device by simply providing a clock signal; no
additional addressing information or control signals need to be provided. The DataFlash incorporates an internal
address counter that will automatically increment on every clock cycle, allowing one continuous read operation
without the need of additional address sequences. To perform a continuous read from the standard DataFlash
page size (528-bytes), an opcode of E8H must be clocked into the device followed by three address bytes (which
comprise the 24-bit page and byte address sequence) and four don’t care bytes. The first 12 bits (PA11 - PA0) of
the 22-bit address sequence specify which page of the main memory array to read, and the last 10 bits (BA9 -
BA0) of the 22-bit address sequence specify the starting byte address within the page. To perform a continuous
read from the binary page size (512-bytes), the opcode (E8H) must be clocked into the device followed by three
address bytes and four don’t care bytes. The first 12 bits (A20 - A9) of the 21-bits sequence specify which page of
the main memory array to read, and the last nine bits (A8 - A0) of the 21-bits address sequence specify the starting
byte address within the page. The don’t care bytes that follow the address bytes are needed to initialize the read
operation. Following the don’t care bytes, additional clock pulses on the SCK pin will result in data being output on
the SO (serial output) pin.
The CS pin must remain low during the loading of the opcode, the address bytes, the don’t care bytes, and the
reading of data. When the end of a page in main memory is reached during a Continuous Array Read, the device
will continue reading at the beginning of the next page with no delays incurred during the page boundary crossover
(the crossover from the end of one page to the beginning of the next page). When the last bit in the main memory
array has been read, the device will continue reading back at the beginning of the first page of memory. As with
crossing over page boundaries, no delays will be incurred when wrapping around from the end of the array to the
beginning of the array.


Similar Part No. - AT45DB161D-TU-2.5

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB161D-TU-2.5 ATMEL-AT45DB161D-TU-2.5 Datasheet
1Mb / 53P
   16-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB161D-TU-2.5 ATMEL-AT45DB161D-TU-2.5 Datasheet
1Mb / 56P
   16-megabit 2.5-volt or 2.7-volt DataFlash
More results

Similar Description - AT45DB161D-TU-2.5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AT45DB081D AD-AT45DB081D_13 Datasheet
1Mb / 53P
   8-megabit 2.5V or 2.7V DataFlash
logo
List of Unclassifed Man...
AT45DB321D ETC2-AT45DB321D_13 Datasheet
2Mb / 52P
   32Mb, 2.5V or 2.7V DataFlash
AT45DB321D ETC2-AT45DB321D Datasheet
2Mb / 52P
   32Mb, 2.5V or 2.7V DataFlash
logo
Analog Devices
AT45DB321D AD-AT45DB321D_12 Datasheet
2Mb / 51P
   32Mb, 2.5V or 2.7V DataFlash
logo
List of Unclassifed Man...
AT45DB021D ETC2-AT45DB021D_13 Datasheet
1Mb / 48P
   2-megabit 2.7V Minimum DataFlash
AT45DB642D ETC2-AT45DB642D_14 Datasheet
1Mb / 57P
   64-megabit 2.7V Dual-interface DataFlash
logo
ATMEL Corporation
AT45DB161D ATMEL-AT45DB161D Datasheet
1Mb / 53P
   16-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB161D ATMEL-AT45DB161D_09 Datasheet
1Mb / 56P
   16-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB161B ATMEL-AT45DB161B Datasheet
351Kb / 33P
   16 MEGABIT 2.5-VOLT ONLY OR 2.7-VOLT ONLY DATAFLASH
AT45DB081D ATMEL-AT45DB081D_08 Datasheet
1Mb / 53P
   8-megabit 2.5-volt or 2.7-volt DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com