Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RLSD32A361V Datasheet(PDF) 3 Page - Ruilongyuan Electronics Co.,Ltd

Part # RLSD32A361V
Description  TVS/ESD Arrays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

RLSD32A361V Datasheet(HTML) 3 Page - Ruilongyuan Electronics Co.,Ltd

  RLSD32A361V Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd RLSD32A361V Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd RLSD32A361V Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd RLSD32A361V Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd RLSD32A361V Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd RLSD32A361V Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd RLSD32A361V Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TVS/ESD Arrays - RLSD32A Series
Circuit Protection
System
Page:2
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Absolute Maximum Rating
Rating
Symbol
Value
Units
Peak Pulse Power (tp =8/20μs)
Ppk
350
Watts
Maximum Peak Pulse Current (tp = 8/20μs)
IPP
24
Amps
ESD per IEC 61000-4-2 (Air)
ESD per IEC 61000-4-2 (Contact)
VPP
+/-20
+/-15
Kv
Lead Soldering Temperature
TL
260 (10 sec.)
°C
Operating Temperature
TJ
-55 to +125
°C
Storage Temperature
TSTG
-55 to +150
°C
Storage Temperature
TSTG
-55 to +150
°C
Type Number
Peak
Power
Dissipation
@8/20μS
Pppm
Reverse
Stand-Off
Voltage
Peak Pulse
Voltage
@8/20μS
Pppm
Peak Pulse
Current
@8/20μS
Pppm
Reverse
Leakage
@Vrwm
Maximum
Capacitance
@1MHZ
Vrwm
Vc@IPP
IPP
IR@Vrwm
Co
Max
Max
Max
UNI
BI
W
V
V
A
μA
UNI(pF)
BI(pF)
RLSD32A031V RLSD32A031C
350
3.3
8.4
5
1
450
250
RLSD32A051V RLSD32A051C
350
5
9.8
5
1
350
125
RLSD32A081V RLSD32A081C
350
8
12
5
1
350
125
RLSD32A121V RLSD32A121C
350
12
19
5
1
150
70
RLSD32A151V RLSD32A151C
350
15
24
5
1
120
60
RLSD32A181V RLSD32A181C
350
18
29
5
1
100
40
RLSD32A241V RLSD32A241C
350
24
43
1
1
80
37
RLSD32A361V RLSD32A361C
350
36
60
1
1
60
30
ElectrIcal CharacterlstIcs Per Lin (@ 25°C Unless Otherwise Specified)


Similar Part No. - RLSD32A361V

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
RLSD32A361V RUILON-RLSD32A361V Datasheet
720Kb / 7P
   TVS/ESD Arrays
More results

Similar Description - RLSD32A361V

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
RLST23A032-362V RUILON-RLST23A032-362V Datasheet
668Kb / 9P
   TVS/ESD Arrays
RLSD32AXXXLC RUILON-RLSD32AXXXLC Datasheet
803Kb / 7P
   TVS/ESD Arrays
RLST23AXXXC RUILON-RLST23AXXXC Datasheet
1Mb / 8P
   TVS/ESD Arrays
RLSD32AXXXLV RUILON-RLSD32AXXXLV Datasheet
801Kb / 7P
   TVS/ESD Arrays
RLSD92QXXXV RUILON-RLSD92QXXXV Datasheet
791Kb / 8P
   TVS/ESD Arrays
RLSD12A RUILON-RLSD12A Datasheet
893Kb / 7P
   TVS/ESD Arrays
RLS08A2.84LV RUILON-RLS08A2.84LV Datasheet
890Kb / 8P
   TVS/ESD Arrays
RLST23A2.82LV RUILON-RLST23A2.82LV Datasheet
684Kb / 9P
   TVS/ESD Arrays
RLS08A284LV RUILON-RLS08A284LV Datasheet
793Kb / 7P
   TVS/ESD Arrays
RLSD92AXXXC RUILON-RLSD92AXXXC Datasheet
683Kb / 7P
   TVS/ESD Arrays
RLDSON10A054LV RUILON-RLDSON10A054LV Datasheet
826Kb / 7P
   TVS/ESD Arrays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com