Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB161D-SU Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AT45DB161D-SU
Description  16-megabit 2.5V or 2.7V DataFlash
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB161D-SU Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AT45DB161D-SU Datasheet HTML 1Page - List of Unclassifed Manufacturers AT45DB161D-SU Datasheet HTML 2Page - List of Unclassifed Manufacturers AT45DB161D-SU Datasheet HTML 3Page - List of Unclassifed Manufacturers AT45DB161D-SU Datasheet HTML 4Page - List of Unclassifed Manufacturers AT45DB161D-SU Datasheet HTML 5Page - List of Unclassifed Manufacturers AT45DB161D-SU Datasheet HTML 6Page - List of Unclassifed Manufacturers AT45DB161D-SU Datasheet HTML 7Page - List of Unclassifed Manufacturers AT45DB161D-SU Datasheet HTML 8Page - List of Unclassifed Manufacturers AT45DB161D-SU Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
Features
Single 2.5V - 3.6V or 2.7V - 3.6V Supply
RapidSSerial Interface: 66MHz Maximum Clock Frequency
– SPI Compatible Modes 0 and 3
User Configurable Page Size
– 512-Bytes per Page
– 528-Bytes per Page
– Page Size Can Be Factory Pre-configured for 512-Bytes
Page Program Operation
– Intelligent Programming Operation
– 4,096 Pages (512-/528-Bytes/Page) Main Memory
Flexible Erase Options
– Page Erase (512-Bytes)
– Block Erase (4-Kbytes)
– Sector Erase (128-Kbytes)
– Chip Erase (16-Mbits)
Two SRAM Data Buffers (512-/528-Bytes)
– Allows Receiving of Data while Reprogramming the Flash Array
Continuous Read Capability through Entire Array
– Ideal for Code Shadowing Applications
Low-power Dissipation
– 7mA Active Read Current Typical
–25μA Standby Current Typical
–15μA Deep Power Down Typical
Hardware and Software Data Protection Features
– Individual Sector
Sector Lockdown for Secure Code and Data Storage
– Individual Sector
Security: 128-byte Security Register
– 64-byte User Programmable Space
– Unique 64-byte Device Identifier
JEDEC Standard Manufacturer and Device ID Read
100,000 Program/Erase Cycles Per Page Minimum
Data Retention – 20 Years
Industrial Temperature Range
Green (Pb/Halide-free/RoHS Compliant) Packaging Options
1.
Description
The AT45DB161D is a 2.5V or 2.7V, serial-interface sequential access Flash memory
ideally suited for a wide variety of digital voice-, image-, program code- and data-stor-
age applications. The AT45DB161D supports RapidS serial interface for applications
requiring very high speed operations. RapidS serial interface is SPI compatible for
frequencies up to 66MHz. Its 17,301,504-bits of memory are organized as 4,096
pages of 512-bytes or 528-bytes each. In addition to the main memory, the
AT45DB161D also contains two SRAM buffers of 512-/528-bytes each. The buffers
allow the receiving of data while a page in the main Memory is being reprogrammed,
as well as writing a continuous data stream. EEPROM emulation (bit or byte alterabil-
ity) is easily handled with a self-contained three step read-modify-write
16-megabit
2.5V or 2.7V
DataFlash
AT45DB161D
(Not Recommended
for New Designs)
3500P–DFLASH–5/2013


Similar Part No. - AT45DB161D-SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB161D-SU ATMEL-AT45DB161D-SU Datasheet
1Mb / 53P
   16-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB161D-SU ATMEL-AT45DB161D-SU Datasheet
1Mb / 56P
   16-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB161D-SU-2.5 ATMEL-AT45DB161D-SU-2.5 Datasheet
1Mb / 53P
   16-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB161D-SU-2.5 ATMEL-AT45DB161D-SU-2.5 Datasheet
1Mb / 56P
   16-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB161D-SU-SL954 ATMEL-AT45DB161D-SU-SL954 Datasheet
1Mb / 53P
   16-megabit 2.5-volt or 2.7-volt DataFlash
More results

Similar Description - AT45DB161D-SU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AT45DB081D AD-AT45DB081D_13 Datasheet
1Mb / 53P
   8-megabit 2.5V or 2.7V DataFlash
logo
List of Unclassifed Man...
AT45DB321D ETC2-AT45DB321D_13 Datasheet
2Mb / 52P
   32Mb, 2.5V or 2.7V DataFlash
AT45DB321D ETC2-AT45DB321D Datasheet
2Mb / 52P
   32Mb, 2.5V or 2.7V DataFlash
logo
Analog Devices
AT45DB321D AD-AT45DB321D_12 Datasheet
2Mb / 51P
   32Mb, 2.5V or 2.7V DataFlash
logo
List of Unclassifed Man...
AT45DB021D ETC2-AT45DB021D_13 Datasheet
1Mb / 48P
   2-megabit 2.7V Minimum DataFlash
AT45DB642D ETC2-AT45DB642D_14 Datasheet
1Mb / 57P
   64-megabit 2.7V Dual-interface DataFlash
logo
ATMEL Corporation
AT45DB161D ATMEL-AT45DB161D Datasheet
1Mb / 53P
   16-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB161D ATMEL-AT45DB161D_09 Datasheet
1Mb / 56P
   16-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB161B ATMEL-AT45DB161B Datasheet
351Kb / 33P
   16 MEGABIT 2.5-VOLT ONLY OR 2.7-VOLT ONLY DATAFLASH
AT45DB081D ATMEL-AT45DB081D_08 Datasheet
1Mb / 53P
   8-megabit 2.5-volt or 2.7-volt DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com