Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RLST23A032-362V Datasheet(PDF) 7 Page - Ruilongyuan Electronics Co.,Ltd

Part # RLST23A032-362V
Description  TVS/ESD Arrays
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

RLST23A032-362V Datasheet(HTML) 7 Page - Ruilongyuan Electronics Co.,Ltd

  RLST23A032-362V Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd RLST23A032-362V Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd RLST23A032-362V Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd RLST23A032-362V Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd RLST23A032-362V Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd RLST23A032-362V Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd RLST23A032-362V Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd RLST23A032-362V Datasheet HTML 8Page - Ruilongyuan Electronics Co.,Ltd RLST23A032-362V Datasheet HTML 9Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TVS/ESD Arrays - RLST23A032-362V Series
Circuit Protection
System
Page:6
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Part Number Code
Land Pattern SOT-23
R
L
S
T
2
3
A
0
3
2
V
LOGO
Vrwm:3.3V
Straight foot
overhanging
V= Unidirectional
C= Bidirectional
Package
SOT-23
DIMENSIONS
DIM
INCHES
MILLIMETERS
C
(.087)
(2.20)
E
.037
0.95
E1
.075
1.90
G
.031
0.80
X
.039
1.00
Y
.055
1.40
Z
.141
3.60
REFERENCE IPC-SM-782A.
2.
Y
Y
G
Z
C
E
X
E1
NOTES:
1. THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
COMPANY'S MANUFACTURING GUIDELINES ARE MET.


Similar Part No. - RLST23A032-362V

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
RLST23A032-362C RUILON-RLST23A032-362C Datasheet
664Kb / 8P
   TVS/ESD Arrays
More results

Similar Description - RLST23A032-362V

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
RLSD32AXXXLC RUILON-RLSD32AXXXLC Datasheet
803Kb / 7P
   TVS/ESD Arrays
RLST23AXXXC RUILON-RLST23AXXXC Datasheet
1Mb / 8P
   TVS/ESD Arrays
RLSD32AXXXLV RUILON-RLSD32AXXXLV Datasheet
801Kb / 7P
   TVS/ESD Arrays
RLSD92QXXXV RUILON-RLSD92QXXXV Datasheet
791Kb / 8P
   TVS/ESD Arrays
RLSD12A RUILON-RLSD12A Datasheet
893Kb / 7P
   TVS/ESD Arrays
RLS08A2.84LV RUILON-RLS08A2.84LV Datasheet
890Kb / 8P
   TVS/ESD Arrays
RLST23A2.82LV RUILON-RLST23A2.82LV Datasheet
684Kb / 9P
   TVS/ESD Arrays
RLS08A284LV RUILON-RLS08A284LV Datasheet
793Kb / 7P
   TVS/ESD Arrays
RLSD92AXXXC RUILON-RLSD92AXXXC Datasheet
683Kb / 7P
   TVS/ESD Arrays
RLDSON10A054LV RUILON-RLDSON10A054LV Datasheet
826Kb / 7P
   TVS/ESD Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com