Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-5120521-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1-5120521-1
Description  Stacking Height Guide for Parallel Board-to-Board Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-5120521-1 Datasheet(HTML) 2 Page - Tyco Electronics

  1-5120521-1 Datasheet HTML 1Page - Tyco Electronics 1-5120521-1 Datasheet HTML 2Page - Tyco Electronics 1-5120521-1 Datasheet HTML 3Page - Tyco Electronics 1-5120521-1 Datasheet HTML 4Page - Tyco Electronics 1-5120521-1 Datasheet HTML 5Page - Tyco Electronics 1-5120521-1 Datasheet HTML 6Page - Tyco Electronics 1-5120521-1 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
83
Catalog 889092
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 9-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
1.0mm Free Height (FH) (IEEE 1386) Connectors
Fine Pitch SMT Stacking Connectors
(Parallel Board-to-Board)
Product Facts
For board stacking
applications
High density packaging on
1.0 [.039] centerline spacing
Available in standard
64-position and optional
84-position sizes
“Tape-and-reel” packaged
per EIA standards
Board stacking heights
available from 8 [.315] to
15 [.591] (see page 84)
Increased plastic clearance
eliminates stress to solder
joints during mating (see
page 84)
Improved locating posts
ensure accurate hand or
robotic placement (see
page 84)
Meets EIA-700 AAAB
specifications for IEEE 1386
applications
All 1.0mm Free Height
products within this section
are RoHS Compliant
As a standard for adding
local PCI or Sbus perform-
ance to Futurebus+ and
VMEbus applications,
IEEE 1386 offers new levels
of performance and pack-
aging convenience through
the mezzanine architecture.
Tyco Electronics makes it
easier and more productive
to add an IEEE 1386 mez-
zanine connector to your
system. The surface-mount
parallel stacking connector
features contacts on a 1.0
[.039] pitch and is available
in eight stacking heights
from 8 [.315] to 15 [.591].
Sizes include the IEEE 1386
standard 64-position
version and an optional
84-position version.
Not only is the connector
compatible with EIA-700
AAAB — the connector
standard for IEEE 1386
mezzanine connectors —
it offers several enhance-
ments that make it easier to
use and more reliable.
Increased plastic clearance
between mating connectors
makes it easier to align mul-
tiple connectors for mating,
thus eliminating stress to
the solder joints during
engagement. Improved
locating posts allow fast,
highly accurate hand place-
ment of connectors. The
connectors are available
with vacuum covers for
automated placement.
Performance Characteristics
Current Rating —
1.0 ampere per contact
Contact Resistance —
30 milliohms max. (initial)
Durability — tested to 100 mating
cycles min.
Technical Documents (page 113)
Product Specification
108-2246


Similar Part No. - 1-5120521-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-5120603-1 TEC-1-5120603-1 Datasheet
327Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
1-5120603-2 TEC-1-5120603-2 Datasheet
327Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 1-5120521-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5177984-6 MACOM-5177984-6 Datasheet
769Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
1-5316135-1 MACOM-1-5316135-1 Datasheet
471Kb / 15P
   Stacking Height Guide for Parallel Board-to-Board Applications
421686 MACOM-421686 Datasheet
327Kb / 9P
   Stacking Height Guide for Parallel Board-to-Board Applications
5179030-5 MACOM-5179030-5 Datasheet
418Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
5-5179010-2 MACOM-5-5179010-2 Datasheet
400Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
logo
Japan Aviation Electron...
WP10 JAE-WP10 Datasheet
898Kb / 7P
   Stacking Type Board-to-Board (FPC) Connector
WP6C JAE-WP6C Datasheet
406Kb / 5P
   0.4mm Pitch, Stacking Type Board-to-board Connector
AA01A JAE-AA01A Datasheet
465Kb / 6P
   0.5mm Pitch Stacking Type Board-to-Board Connector
WP6 JAE-WP6 Datasheet
883Kb / 8P
   0.4mm Pitch, Stacking Type Board-to-Board Connector
AA07 JAE-AA07 Datasheet
449Kb / 7P
   0.4mm Pitch, Stacking Type Board-to-Board(FPC) Connector
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com