Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB161D Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AT45DB161D
Description  16-megabit 2.5V or 2.7V DataFlash
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB161D Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AT45DB161D_13 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT45DB161D_13 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT45DB161D_13 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT45DB161D_13 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT45DB161D_13 Datasheet HTML 9Page - List of Unclassifed Manufacturers AT45DB161D_13 Datasheet HTML 10Page - List of Unclassifed Manufacturers AT45DB161D_13 Datasheet HTML 11Page - List of Unclassifed Manufacturers AT45DB161D_13 Datasheet HTML 12Page - List of Unclassifed Manufacturers AT45DB161D_13 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
9
3500P–DFLASH–5/2013
AT45DB161D
page address bits (A20 - A9) that specify the page in the main memory to be erased and nine don’t care bits. When
a low-to-high transition occurs on the CS pin, the part will erase the selected page (the erased state is a logical 1).
The erase operation is internally self-timed and should take place in a maximum time of tPE. During this time, the
status register and the RDY/BUSY pin will indicate that the part is busy.
7.5
Block Erase
A block of eight pages can be erased at one time. This command is useful when large amounts of data has to be
written into the device. This will avoid using multiple Page Erase Commands. To perform a block erase for the
standard DataFlash page size (528-bytes), an opcode of 50H must be loaded into the device, followed by three
address bytes comprised of two don’t care bits, nine page address bits (PA11 -PA3) and 13 don’t care bits. The
nine page address bits are used to specify which block of eight pages is to be erased. To perform a block erase for
the binary page size (512-bytes), the opcode 50H must be loaded into the device, followed by three address bytes
consisting of three don’t care bits, nine page address bits (A20 - A12) and 12 don’t care bits. The nine page
address bits are used to specify which block of eight pages is to be erased. When a low-to-high transition occurs
on the CS pin, the part will erase the selected block of eight pages. The erase operation is internally self-timed and
should take place in a maximum time of tBE. During this time, the status register and the RDY/BUSY pin will
indicate that the part is busy.
Table 7-1.
Block Erase Addressing
7.6
Sector Erase
The Sector Erase command can be used to individually erase any sector in the main memory. There are 16
sectors and only one sector can be erased at one time. To perform sector 0a or sector 0b erase for the standard
DataFlash page size (528-bytes), an opcode of 7CH must be loaded into the device, followed by three address
bytes comprised of two don’t care bits, nine page address bits (PA11 - PA3) and 13 don’t care bits. To perform a
sector 1-15 erase, the opcode 7CH must be loaded into the device, followed by three address bytes comprised of
two don’t care bits, four page address bits (PA11 - PA8) and 18 don’t care bits. To perform sector 0a or sector 0b
erase for the binary page size (512-bytes), an opcode of 7CH must be loaded into the device, followed by three
address bytes comprised of three don’t care bit and nine page address bits (A20 - A12) and 12 don’t care bits. To
perform a sector 1-15 erase, the opcode 7CH must be loaded into the device, followed by three address bytes
comprised of 3 don’t care bit and four page address bits (A20 - A17) and 17 don’t care bits. The page address bits
are used to specify any valid address location within the sector which is to be erased. When a low-to-high transition
occurs on the CS pin, the part will erase the selected sector. The erase operation is internally self-timed and should
PA11/
A20
PA10/
A19
PA9/
A18
PA8/
A17
PA7/
A16
PA6/
A15
PA5/
A14
PA4/
A13
PA3/
A12
PA2/
A11
PA1/
A10
PA0/
A9
Block
0
0
0000000
X
X
X
0
0
0
0000001
X
X
X
1
0
0
0000010
X
X
X
2
0
0
0000011
X
X
X
3
1
1
1111100
X
X
X
508
1
1
1111101
X
X
X
509
1
1
1111110
X
X
X
510
1
1
1111111
X
X
X
511


Similar Part No. - AT45DB161D_13

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB161D-CU ATMEL-AT45DB161D-CU Datasheet
1Mb / 56P
   16-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB161D-MU ATMEL-AT45DB161D-MU Datasheet
1Mb / 53P
   16-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB161D-MU ATMEL-AT45DB161D-MU Datasheet
1Mb / 56P
   16-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB161D-MU-2.5 ATMEL-AT45DB161D-MU-2.5 Datasheet
1Mb / 53P
   16-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB161D-MU-2.5 ATMEL-AT45DB161D-MU-2.5 Datasheet
1Mb / 56P
   16-megabit 2.5-volt or 2.7-volt DataFlash
More results

Similar Description - AT45DB161D_13

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AT45DB081D AD-AT45DB081D_13 Datasheet
1Mb / 53P
   8-megabit 2.5V or 2.7V DataFlash
logo
List of Unclassifed Man...
AT45DB321D ETC2-AT45DB321D_13 Datasheet
2Mb / 52P
   32Mb, 2.5V or 2.7V DataFlash
AT45DB321D ETC2-AT45DB321D Datasheet
2Mb / 52P
   32Mb, 2.5V or 2.7V DataFlash
logo
Analog Devices
AT45DB321D AD-AT45DB321D_12 Datasheet
2Mb / 51P
   32Mb, 2.5V or 2.7V DataFlash
logo
List of Unclassifed Man...
AT45DB021D ETC2-AT45DB021D_13 Datasheet
1Mb / 48P
   2-megabit 2.7V Minimum DataFlash
AT45DB642D ETC2-AT45DB642D_14 Datasheet
1Mb / 57P
   64-megabit 2.7V Dual-interface DataFlash
logo
ATMEL Corporation
AT45DB161D ATMEL-AT45DB161D Datasheet
1Mb / 53P
   16-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB161D ATMEL-AT45DB161D_09 Datasheet
1Mb / 56P
   16-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB161B ATMEL-AT45DB161B Datasheet
351Kb / 33P
   16 MEGABIT 2.5-VOLT ONLY OR 2.7-VOLT ONLY DATAFLASH
AT45DB081D ATMEL-AT45DB081D_08 Datasheet
1Mb / 53P
   8-megabit 2.5-volt or 2.7-volt DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com