Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GXP120 Datasheet(PDF) 4 Page - Ruilongyuan Electronics Co.,Ltd

Part # GXP120
Description  2-electrode Spark Gap
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

GXP120 Datasheet(HTML) 4 Page - Ruilongyuan Electronics Co.,Ltd

  GXP120 Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd GXP120 Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd GXP120 Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd GXP120 Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd GXP120 Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Circuit Protection
System
Page:3
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
2-electrode Spark Gap - GXP Series
· Storage Conditions:
1. Storage Temperature: -10°C~+40°C
2. Relative Humidity:≤75%RH
3. Keep away from corrosive atmosphere and sunlight.
· Period of Storage: 1 year
Warehouse Storage Conditions of Products
OUTLINE (All dimensions in millimetres)
Φ29.0
MAX
64.0
MAX
Φ9.5 ± 0.5
CONTACT CAP
Φ29.0
MAX
HOLE THREADEDM3x 5.0 MIN DEEP
42.0
MAX
42.0
MAX


Similar Part No. - GXP120

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
GXP1H IVO-GXP1H Datasheet
573Kb / 4P
   Absolute encoders - parallel
GXP1H.21041C1 IVO-GXP1H.21041C1 Datasheet
573Kb / 4P
   Absolute encoders - parallel
GXP1H.22041C1 IVO-GXP1H.22041C1 Datasheet
573Kb / 4P
   Absolute encoders - parallel
GXP1H.31041C1 IVO-GXP1H.31041C1 Datasheet
573Kb / 4P
   Absolute encoders - parallel
GXP1H.32041C1 IVO-GXP1H.32041C1 Datasheet
573Kb / 4P
   Absolute encoders - parallel
More results

Similar Description - GXP120

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
GXH RUILON-GXH Datasheet
720Kb / 5P
   2-electrode Spark Gap
logo
EPCOS
B88069X0870T502 EPCOS-B88069X0870T502 Datasheet
84Kb / 2P
   Switching Spark Gap
logo
Okaya Electric America,...
RSG-502-BKL OKAYA-RSG-502-BKL Datasheet
112Kb / 6P
   Rodan Spark Gap
logo
EPCOS
B88069X0410T502 EPCOS-B88069X0410T502 Datasheet
92Kb / 2P
   Switching Spark Gap
B88069X0260S102 EPCOS-B88069X0260S102 Datasheet
90Kb / 2P
   Switching Spark Gap
B88069X5980T502 EPCOS-B88069X5980T502 Datasheet
95Kb / 5P
   Switching spark gap
logo
Socay Electornics Co., ...
UN2K8-350SMD SOCAY-UN2K8-350SMD Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-350SMD-2 SOCAY-UN2K8-350SMD-2 Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-400SMD SOCAY-UN2K8-400SMD Datasheet
364Kb / 5P
   Switching Spark Gap
UN2K8-600SMD SOCAY-UN2K8-600SMD Datasheet
363Kb / 5P
   Switching Spark Gap
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com