Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL600D-1208 Datasheet(PDF) 3 Page - Ruilongyuan Electronics Co.,Ltd

Part # RL600D-1208
Description  Gas Discharge Tubes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

RL600D-1208 Datasheet(HTML) 3 Page - Ruilongyuan Electronics Co.,Ltd

  RL600D-1208 Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd RL600D-1208 Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd RL600D-1208 Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd RL600D-1208 Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd RL600D-1208 Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Gas Discharge Tubes - RL1208 Series
Circuit Protection
System
Page:2
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Electriacl Characteristics
Part No.
DC
Spark-over
Voltage
Maximum
Impulse
Breakdown
Voltage
Max.
Impulse
Discharge
Current
(8/20μs)
Impulse
Life
(10/1000μs)
Normal
Alternating
Discharge
Current
DC
Holdover
Voltage
Minimum
Insulation
Resistance
Maximum
Capacitance
(1MHz)
100V/S
100V/
μS
1KV/
μs
1
times
10
times
100 A
50Hz
1Sec
Single
9 Cycles <150ms
(V)
(V)
(V)
(KA)
Times
(A)
(V)
(GΩ)
(pF)
RL230D-1208 230 ±20%
600
700
40
20
400
20
120
135
1
10
RL250D-1208 250 ±20%
600
700
40
20
400
20
120
135
1
10
RL300D-1208 300 ±20%
700
800
40
20
400
20
120
150
1
10
RL350D-1208 350 ±20%
800
900
40
20
400
20
120
150
1
10
RL420D-1208
420±20%
900 1000
40
20
400
20
120
150
1
10
RL470D-1208
470±20%
900 1100
40
20
400
20
120
150
1
10
RL600D-1208
600±20%
1100 1300
40
20
400
20
120
150
1
10
RL700D-1208
700±20%
1200 1400
40
20
400
20
120
150
1
10
RL800D-1208
800±20%
1300 1500
40
20
400
20
120
150
1
10
DC Spark-over Voltage
DC Measuring Voltage
230-350V
100V
420-800V
250V


Similar Part No. - RL600D-1208

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
RL600F-1212 RUILON-RL600F-1212 Datasheet
555Kb / 5P
   Gas Discharge Tubes
RL600F-1605 RUILON-RL600F-1605 Datasheet
495Kb / 4P
   Gas Discharge Tubes
RL600F-2006 RUILON-RL600F-2006 Datasheet
632Kb / 5P
   Gas Discharge Tubes
RL600F-2104 RUILON-RL600F-2104 Datasheet
615Kb / 4P
   Gas Discharge Tubes
RL600G-1807 RUILON-RL600G-1807 Datasheet
493Kb / 4P
   Gas Discharge Tubes
More results

Similar Description - RL600D-1208

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
GTCA36-231M-R10-FT MACOM-GTCA36-231M-R10-FT Datasheet
221Kb / 6P
   Gas Discharge Tubes
logo
SUNMATE electronic Co.,...
2R075-4S SUNMATE-2R075-4S Datasheet
674Kb / 3P
   GAS DISCHARGE TUBES
SMD5050-1000N SUNMATE-SMD5050-1000N Datasheet
404Kb / 2P
   GAS DISCHARGE TUBES
2R3000-6S SUNMATE-2R3000-6S Datasheet
932Kb / 3P
   GAS DISCHARGE TUBES
logo
Ruilongyuan Electronics...
2RB-5 RUILON-2RB-5 Datasheet
797Kb / 6P
   Gas Discharge Tubes
RL1212 RUILON-RL1212 Datasheet
555Kb / 5P
   Gas Discharge Tubes
logo
Tyco Electronics
GTCX28-XXXM-R05 MACOM-GTCX28-XXXM-R05 Datasheet
105Kb / 5P
   Gas Discharge Tubes
GTCX36-XXXM-R05 MACOM-GTCX36-XXXM-R05 Datasheet
144Kb / 6P
   Gas Discharge Tubes
logo
Ruilongyuan Electronics...
2R-6S RUILON-2R-6S Datasheet
711Kb / 6P
   Gas Discharge Tubes
2RA-6C RUILON-2RA-6C Datasheet
665Kb / 5P
   Gas Discharge Tubes
logo
Littelfuse
SL1021A145 LITTELFUSE-SL1021A145 Datasheet
272Kb / 4P
   Gas Discharge Tubes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com