Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

14D241K Datasheet(PDF) 6 Page - Ruilongyuan Electronics Co.,Ltd

Part # 14D241K
Description  Metal Oxide Varistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

14D241K Datasheet(HTML) 6 Page - Ruilongyuan Electronics Co.,Ltd

  14D241K Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd 14D241K Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd 14D241K Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd 14D241K Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd 14D241K Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd 14D241K Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd 14D241K Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Circuit Protection
System
Page:5
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Metal Oxide Varistors - 14D Series
Package Dimensions
· Storage Conditions:
1. Storage Temperature: -10°C~+40°C
2. Relative Humidity:≤75%RH
3. Keep away from corrosive atmosphere and sunlight.
· Period of Storage: 1 year
Warehouse Storage Conditions of Products
d
K<3.0
D1
D1
H1
L1
d1
K<3.0
TABLE 2
Model
T(max.)
Model
T(max.)
180K
4.5
301K
5.8
220K
4.7
331K
6.0
270K
4.8
361K
6.2
330K
5.0
391K
6.5
390K
5.3
431K
6.7
470K
5.4
471K
6.8
560K
5.5
511K
7.0
680K
5.6
561K
7.3
820K
4.7
621K
7.6
101K
4.9
681K
8.0
121K
5.1
751K
8.1
151K
5.4
781K
8.3
181K
4.8
821K
8.8
201K
5.0
911K
9.3
221K
5.1
102K
9.9
241K
5.2
112K
10.4
271K
5.4
182K
13.0
301K
5.5
-
-
TABLE 1
Symbol
Dimensions
H(max.)
20
H1(max.)
21.0
L(min.)
20.0
L1(min.)
15.0
D(max.)
16.5
D1(±0.8)
7.5
T(max.)
TABLE 2
d(±0.05)
0.8
d1(±0.4)
1.4
Unit:mm


Similar Part No. - 14D241K

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
14D241K WPI-14D241K Datasheet
1Mb / 65P
   Metal Oxide Varistors
logo
Socay Electornics Co., ...
14D241K SOCAY-14D241K Datasheet
309Kb / 4P
   Radial Lead Varistor (MOV)
logo
StarHope
14D241K SPSEMI-14D241K Datasheet
332Kb / 2P
   Varistor Type MYG
logo
HuaXinAn Electronics CO...
14D241K HUAXINAN-14D241K Datasheet
238Kb / 3P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
14D241K SUNMATE-14D241K Datasheet
587Kb / 4P
   METAL OXIDE VARISTORS
More results

Similar Description - 14D241K

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com