Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

05D470K Datasheet(PDF) 4 Page - Ruilongyuan Electronics Co.,Ltd

Part # 05D470K
Description  Metal Oxide Varistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

05D470K Datasheet(HTML) 4 Page - Ruilongyuan Electronics Co.,Ltd

  05D470K Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd 05D470K Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd 05D470K Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd 05D470K Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd 05D470K Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd 05D470K Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd 05D470K Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Circuit Protection
System
Page:3
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Metal Oxide Varistors - 05D Series
Electrical Rating
ltem
Test Condition / Description
Requirement
Varistor Voltage
The voltage between two terminals with the specified measuring current 1mA.
DC applied is call Vb.
To meet
the specified
value
Maximum Allowable
Voltage
The recommended maximum sine wave voltage (RMS) or the maximum DC
voltage can be applied continuously.
Rated Wattaget
The maximum average power that can be applied within the specified ambient
temperature.
IEnergy
The maximum energy within the varistor voltage change of ±10% when one impulse
of10/1000μsec. or 2 msec. is applied.
Withstanding Surge
Current
The maximum current within the varistor voltage change of ±10% with the standard
impulse current (8/20μsec.) applied one time.
Surge Life
The change of Vb shall be measured after the impulse listed below is applied 10,000
times continuously with the interval of ten seconds at room temperature.
5D series
180K to 680K
10A (8/20μsec.)
820K to 751K
20A (8/20μsec.)
7Dseries
180K to 680K
25A (8/20μsec.)
820K to 821K
50A (8/20μsec.)
10D series
180K to 680K
50A (8/20μsec.)
820K to 182K
100A (8/20μsec.)
14D series
180K to 680K
75A (8/20μsec.)
820K to 182K
150A (8/20μsec.)
20D series
180K to 680K
100A (8/20μsec.)
820K to 182K
200A (8/20μsec.)
Vb
Vb
<+10%
_


Similar Part No. - 05D470K

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
05D470K SOCAY-05D470K Datasheet
303Kb / 4P
   Radial Lead Varistor (MOV)
logo
StarHope
05D470K SPSEMI-05D470K Datasheet
294Kb / 2P
   Varistor Type MYG
logo
HuaXinAn Electronics CO...
05D470K HUAXINAN-05D470K Datasheet
231Kb / 3P
   Metal Oxide Varistors
05D470K HUAXINAN-05D470K Datasheet
472Kb / 6P
   Metal Oxide Varistors (MOV)
logo
Shanghai Leiditech Elec...
05D470K LEIDITECH-05D470K Datasheet
824Kb / 5P
   Metal Oxide Varistors
More results

Similar Description - 05D470K

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com