Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3R230SD-8 Datasheet(PDF) 2 Page - Ruilongyuan Electronics Co.,Ltd

Part # 3R230SD-8
Description  Gas Discharge Tube
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

3R230SD-8 Datasheet(HTML) 2 Page - Ruilongyuan Electronics Co.,Ltd

  3R230SD-8 Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd 3R230SD-8 Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd 3R230SD-8 Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd 3R230SD-8 Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd 3R230SD-8 Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd 3R230SD-8 Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Circuit Protection
System
Page:1
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Gas Discharge Tube - 3RD-8Series
1. RoHS & HF compliant
2. Rugged ceramic-metal construction
3. Available with or without leads
4. Available with fail-safe clip
5. DC spark-over voltage:75~600V
6. Low capacitance
7. Agency recognition :UL
8. Operating temperature : -30°C ~ +85°C
Storage temperature: -40°C ~ +115°C
Features
Recommended Applications
1. Cable Modem
2. xDSL
3. Set-Top Box
4. TV sets
5. Power supplier
6. Consumer electronics
GDT introduction:Gas discharge tubes (GDT) use noble gasses enclosed
in ceramic tubes to provide an alternate circuit path for voltage spikes.The
ceramic envelope and with nickel connectors allow for high loads and Ruilon
offers products that function at 20KA,40KA,50KA,60KA,100KA&150KA.
The breakdown voltages of the devices have a wide range (up to 20%
tolerance).Major applications are high frequency telecommunication
lines,stations, security systems,HID and high quality Surge Protection
Devices (SPD).
Part Number Code
3
R
0
7
5
-
8
Series
DC Line
Voltage
Dimensions
T
D
Lead Type
T=Thrust
S=SMD
Electrical
Characteristics
A=5000A
D=20000A


Similar Part No. - 3R230SD-8

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
3R230S HUAXINAN-3R230S Datasheet
146Kb / 1P
   3-Electrode Surface Mounted Gas Discharge Tubes
logo
SUNMATE electronic Co.,...
3R230SA-6 SUNMATE-3R230SA-6 Datasheet
412Kb / 2P
   GAS DISCHARGE TUBES
logo
Shanghai Leiditech Elec...
3R230SB-5 LEIDITECH-3R230SB-5 Datasheet
460Kb / 4P
   Gas Discharge Tube
logo
Ruilongyuan Electronics...
3R230SB-8 RUILON-3R230SB-8 Datasheet
721Kb / 6P
   Gas Discharge Tube
logo
SUNMATE electronic Co.,...
3R230SB-8 SUNMATE-3R230SB-8 Datasheet
461Kb / 2P
   GAS DISCHARGE TUBES
More results

Similar Description - 3R230SD-8

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
2R1000-6 LEIDITECH-2R1000-6 Datasheet
487Kb / 5P
   Gas Discharge Tube
logo
StarHope
GDT-B8H SPSEMI-GDT-B8H Datasheet
120Kb / 3P
   Gas Discharge Tube
logo
SUNMATE electronic Co.,...
3R075LB-7 SUNMATE-3R075LB-7 Datasheet
468Kb / 2P
   GAS DISCHARGE TUBE
3R075TB-8 SUNMATE-3R075TB-8 Datasheet
518Kb / 2P
   GAS DISCHARGE TUBE
logo
Ruilongyuan Electronics...
3RB-7 RUILON-3RB-7 Datasheet
610Kb / 6P
   Gas Discharge Tube
logo
Shenzhen Bencent Electr...
B5G3600 BENCENT-B5G3600 Datasheet
187Kb / 3P
   Gas Discharge Tube
BX201N BENCENT-BX201N Datasheet
147Kb / 3P
   Gas Discharge Tube
BZ201M BENCENT-BZ201M Datasheet
144Kb / 3P
   Gas Discharge Tube
BD351 BENCENT-BD351 Datasheet
240Kb / 3P
   Gas Discharge Tube
B8G3600L BENCENT-B8G3600L Datasheet
438Kb / 3P
   Gas Discharge Tube
logo
StarHope
GSP075D SPSEMI-GSP075D Datasheet
352Kb / 3P
   Gas Discharge Tube
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com