Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3R200TD-8 Datasheet(PDF) 5 Page - Ruilongyuan Electronics Co.,Ltd

Part # 3R200TD-8
Description  Gas Discharge Tube
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

3R200TD-8 Datasheet(HTML) 5 Page - Ruilongyuan Electronics Co.,Ltd

  3R200TD-8 Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd 3R200TD-8 Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd 3R200TD-8 Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd 3R200TD-8 Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd 3R200TD-8 Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd 3R200TD-8 Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Gas Discharge Tube - 3RD-8 Series
Circuit Protection
System
Page:4
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
· Storage Conditions:
1. Storage Temperature: -10°C~+40°C
2. Relative Humidity:≤75%RH
3. Keep away from corrosive atmosphere and sunlight.
· Period of Storage: 1 year
Warehouse Storage Conditions of Products
Packaging Bulk
Plastic Tray
(200x210x10mm)
Inner Box
(210x225x60mm)
Outside Box
(450x245x345mm)
100 PCS/ Plastic Tray
500 PCS/ Box
5,000 PCS/ Carton
Unit:mm


Similar Part No. - 3R200TD-8

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
3R200TB-8 RUILON-3R200TB-8 Datasheet
721Kb / 6P
   Gas Discharge Tube
logo
SUNMATE electronic Co.,...
3R200TB-8 SUNMATE-3R200TB-8 Datasheet
518Kb / 2P
   GAS DISCHARGE TUBE
logo
Ruilongyuan Electronics...
3R200TB-8F RUILON-3R200TB-8F Datasheet
721Kb / 6P
   Gas Discharge Tube
logo
SUNMATE electronic Co.,...
3R200TB-8F SUNMATE-3R200TB-8F Datasheet
1Mb / 2P
   GAS DISCHARGE TUBE
More results

Similar Description - 3R200TD-8

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
2R1000-6 LEIDITECH-2R1000-6 Datasheet
487Kb / 5P
   Gas Discharge Tube
logo
StarHope
GDT-B8H SPSEMI-GDT-B8H Datasheet
120Kb / 3P
   Gas Discharge Tube
logo
SUNMATE electronic Co.,...
3R075LB-7 SUNMATE-3R075LB-7 Datasheet
468Kb / 2P
   GAS DISCHARGE TUBE
3R075TB-8 SUNMATE-3R075TB-8 Datasheet
518Kb / 2P
   GAS DISCHARGE TUBE
logo
Ruilongyuan Electronics...
3RB-7 RUILON-3RB-7 Datasheet
610Kb / 6P
   Gas Discharge Tube
logo
Shenzhen Bencent Electr...
B5G3600 BENCENT-B5G3600 Datasheet
187Kb / 3P
   Gas Discharge Tube
BX201N BENCENT-BX201N Datasheet
147Kb / 3P
   Gas Discharge Tube
BZ201M BENCENT-BZ201M Datasheet
144Kb / 3P
   Gas Discharge Tube
BD351 BENCENT-BD351 Datasheet
240Kb / 3P
   Gas Discharge Tube
B8G3600L BENCENT-B8G3600L Datasheet
438Kb / 3P
   Gas Discharge Tube
logo
StarHope
GSP075D SPSEMI-GSP075D Datasheet
352Kb / 3P
   Gas Discharge Tube
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com