Electronic Components Datasheet Search |
|
1-5179030-1 Datasheet(PDF) 8 Page - Tyco Electronics |
|
1-5179030-1 Datasheet(HTML) 8 Page - Tyco Electronics |
8 / 13 page 77 Catalog 889092 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 9-06 and inches unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are standard equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 0.8mm Free Height Vertical Plugs, 0.8 [.031] Pitch (Continued) Fine Pitch SMT Stacking Connectors (Parallel Board-to-Board) 8mm Plugs for 8 [.315], 12 [.472] and 16 [.630] Stacking Heights Material and Finish Housing — High temperature thermo- plastic, natural color, 94V-0 rated Contacts — Brass; duplex plated 0.00020 [.000008] min. gold on contact area, 0.00100 [.000039] min. tin on sol- der area, with entire contact underplated 0.00130 [.000051] min. nickel Related Product Data Performance Characteristics — page 71 Stacking Height Combinations — page 72 Mating Receptacles — pages 78 thru 80 Technical Documents (page 113) Product Specification 108-5390 A A A B C C A Section A - A Recommended PC Board Layout 0.8 Typ. [.031] 0.5 Typ. [.020] 0.8 Typ. [.031] 2.5 Typ. [.098] 2.0 [.079] 6.4 [.252] 2.0 [.079] 0.5 [.020] 4.2 [.165] 7.6 [.300] 5.0 [.197] 6.0 [.236] 5.6 [.220] 1.0 [.039] 2.1 [.083] 2.5 [.098] 2.5 [.098] 12.0 [.472] Position No. 1 0.8±0.03 [.031±.001] Dia. 1.2±0.03 [.047±.001] Dia. Dimensions No. of Plating Part Numbers ABC Positions Type Tube Tube w/ Pickup Cap Tape and Reel 15.20 21.80 20.20 40 8µ" Au 5179031-1 6-5179230-1 3-5177986-1 .598 .858 .795 30µ" Au 6123002-1 — 6123001-1 23.20 29.80 28.20 60 8µ" Au 5179031-2 6-5179230-2 3-5177986-2 .913 1.173 1.110 30µ" Au 6123002-2 — 6123001-2 31.20 37.80 36.20 80 8µ" Au 5179031-3 6-5179230-3 3-5177986-3 1.228 1.488 1.425 30µ" Au 6123002-3 — 6123001-3 39.20 45.80 44.20 100 8µ" Au 5179031-4 6-5179230-4 3-5177986-4 1.543 1.803 1.740 30µ" Au 6123002-4 — 6123001-4 47.20 53.80 52.20 120 8µ" Au 5179031-5 6-5179230-5 3-5177986-5 1.858 2.118 2.055 30µ" Au 6123002-5 — 6123001-5 55.20 61.80 60.20 140 8µ" Au 5179031-6 6-5179230-6 3-5177986-6 2.173 2.433 2.370 30µ" Au 6123002-6 — 6123001-6 63.20 69.80 68.20 160 8µ" Au 5179031-8 6-5179230-8 3-5177986-8 2.488 2.748 2.685 30µ" Au 6123002-8 — 6123001-8 71.20 77.80 76.20 180 8µ" Au 5179031-9 6-5179230-9 3-5177986-9 2.803 3.063 3.000 30µ" Au 6123002-9 — 6123001-9 79.20 85.80 84.20 200 8µ" Au 1-5179031-0 7-5179230-0 — 3.118 3.378 3.315 30µ" Au 1-6123002-0 — — Note: Part Numbers are RoHS compliant. |
Similar Part No. - 1-5179030-1 |
|
Similar Description - 1-5179030-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |