Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2R300D-8S Datasheet(PDF) 3 Page - Ruilongyuan Electronics Co.,Ltd

Part # 2R300D-8S
Description  Gas Discharge Tubes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

2R300D-8S Datasheet(HTML) 3 Page - Ruilongyuan Electronics Co.,Ltd

  2R300D-8S Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd 2R300D-8S Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd 2R300D-8S Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd 2R300D-8S Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd 2R300D-8S Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd 2R300D-8S Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Gas Discharge Tubes - 2RD-8S Series
Circuit Protection
System
Page:2
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Electriacl Characteristics
DC Spark-over Voltage
DC Measuring Voltage
70-90V
50V
150-400V
100V
470-1000V
250V
Part No.
DC
Spark-over
Voltage
Maximum
Impulse
Breakdown
Voltage
Max.
Impulse
Discharge
Current
(8/20μs)
Impulse
Life
(10/1000μs)
Normal
Alternating
Discharge
Current
DC
Holdover
Voltage
Minimum
Insulation
Resistance
Maximum
Capacitance
(1MHz)
100V/S
100V/
μS
1KV/
μs
1
times
10
times
100 A
50Hz
1Sec
Single
9 Cycles <150ms
(V)
(V)
(V)
(KA)
Times
(A)
(V)
(GΩ)
(pF)
2R075D-8S
75±20%
600
700
25
20
500
20
15
52
1
0.8
2R090D-8S
90±20%
600
700
25
20
500
20
15
52
1
0.8
2R150D-8S
150±20%
500
700
25
20
500
20
15
52
1
0.8
2R230D-8S
230±20%
500
600
25
20
500
20
15
80
1
0.8
2R250D-8S
250±20%
500
600
25
20
500
20
15
150
1
0.8
2R300D-8S
300±20%
550
650
25
20
500
20
15
150
1
0.8
2R350D-8S
350±20%
600
700
25
20
500
20
15
150
1
0.8
2R400D-8S
400±20%
650
750
25
20
500
20
15
150
1
0.8
2R470D-8S
470±20%
750
850
25
20
500
20
15
150
1
0.8
2R600D-8S
600±20%
900 1000
25
20
500
20
15
150
1
0.8
2R800D-8S
800±20% 1000 1100
25
20
500
20
15
150
1
0.8
2R1000D-8S 1000±20% 1500 1600
25
20
500
20
15
150
1
0.8


Similar Part No. - 2R300D-8S

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
2R300D-8 LEIDITECH-2R300D-8 Datasheet
520Kb / 5P
   Gas Discharge Tube Diodes
More results

Similar Description - 2R300D-8S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
GTCA36-231M-R10-FT MACOM-GTCA36-231M-R10-FT Datasheet
221Kb / 6P
   Gas Discharge Tubes
logo
SUNMATE electronic Co.,...
2R075-4S SUNMATE-2R075-4S Datasheet
674Kb / 3P
   GAS DISCHARGE TUBES
SMD5050-1000N SUNMATE-SMD5050-1000N Datasheet
404Kb / 2P
   GAS DISCHARGE TUBES
2R3000-6S SUNMATE-2R3000-6S Datasheet
932Kb / 3P
   GAS DISCHARGE TUBES
logo
Ruilongyuan Electronics...
2RB-5 RUILON-2RB-5 Datasheet
797Kb / 6P
   Gas Discharge Tubes
RL1212 RUILON-RL1212 Datasheet
555Kb / 5P
   Gas Discharge Tubes
logo
Tyco Electronics
GTCX28-XXXM-R05 MACOM-GTCX28-XXXM-R05 Datasheet
105Kb / 5P
   Gas Discharge Tubes
GTCX36-XXXM-R05 MACOM-GTCX36-XXXM-R05 Datasheet
144Kb / 6P
   Gas Discharge Tubes
logo
Ruilongyuan Electronics...
2R-6S RUILON-2R-6S Datasheet
711Kb / 6P
   Gas Discharge Tubes
2RA-6C RUILON-2RA-6C Datasheet
665Kb / 5P
   Gas Discharge Tubes
logo
Littelfuse
SL1021A145 LITTELFUSE-SL1021A145 Datasheet
272Kb / 4P
   Gas Discharge Tubes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com