Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSD6N70 Datasheet(PDF) 3 Page - Bruckewell Technology LTD

Part # MSD6N70
Description  700V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MSD6N70 Datasheet(HTML) 3 Page - Bruckewell Technology LTD

  MSD6N70 Datasheet HTML 1Page - Bruckewell Technology LTD MSD6N70 Datasheet HTML 2Page - Bruckewell Technology LTD MSD6N70 Datasheet HTML 3Page - Bruckewell Technology LTD MSD6N70 Datasheet HTML 4Page - Bruckewell Technology LTD MSD6N70 Datasheet HTML 5Page - Bruckewell Technology LTD MSD6N70 Datasheet HTML 6Page - Bruckewell Technology LTD MSD6N70 Datasheet HTML 7Page - Bruckewell Technology LTD MSD6N70 Datasheet HTML 8Page - Bruckewell Technology LTD MSD6N70 Datasheet HTML 9Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MSD6N70 700V N-Channel MOSFET
©Bruckewell Technology Corporation Rev. A -2012
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Source-Drain Diode
VSD
IS=6.0A, VGS=0V
-
-
1.4
V
IS
-
-
7.0
A
ISM
VD=VG=0,
VS=1.3V
-
-
28
A
trr
-
350
-
ns
Qrr
VGS=0, IF=7A, dI/dt=100A/us
-
3.3
-
uC
*Pulse Test : Pulse Width ≤300μs, Duty Cycle≤2%


Similar Part No. - MSD6N70

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
MSD601 ETL-MSD601 Datasheet
78Kb / 1P
   NPN General Purpose Amplifier Transistors Surface Mount
logo
Weitron Technology
MSD601 WEITRON-MSD601 Datasheet
431Kb / 6P
   NPN General Purpose Transistors
logo
Motorola, Inc
MSD601-RT1 MOTOROLA-MSD601-RT1 Datasheet
110Kb / 4P
   NPN General Purpose Amplifier Transistors Surface Mount?
logo
Leshan Radio Company
MSD601-RT1 LRC-MSD601-RT1 Datasheet
40Kb / 1P
   NPN General Purpose Amplifier Transistors Surface Mount
logo
E-Tech Electronics LTD
MSD601-RT1 ETL-MSD601-RT1 Datasheet
78Kb / 1P
   NPN General Purpose Amplifier Transistors Surface Mount
More results

Similar Description - MSD6N70

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSD2N70 BWTECH-MSD2N70 Datasheet
1,016Kb / 8P
   700V N-Channel MOSFET
MSF2N70 BWTECH-MSF2N70 Datasheet
1Mb / 8P
   700V N-Channel MOSFET
MSF6N70 BWTECH-MSF6N70 Datasheet
959Kb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP2N70S SEMIHOW-HFP2N70S Datasheet
949Kb / 8P
   700V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF15N70 FAIRCHILD-FQAF15N70 Datasheet
756Kb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD1N70 SEMIHOW-HFD1N70 Datasheet
730Kb / 8P
   700V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP6N70 FAIRCHILD-FQP6N70 Datasheet
763Kb / 8P
   700V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR10N70FG FOSTER-FIR10N70FG Datasheet
2Mb / 8P
   700V N-Channel MOSFET
logo
Pan Jit International I...
PJU6NA70 PANJIT-PJU6NA70 Datasheet
442Kb / 8P
   700V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR4N70FG FOSTER-FIR4N70FG Datasheet
6Mb / 10P
   700V N-Channel MOSFET
logo
Shenzhen Huazhimei Semi...
HMS15N70K HMSEMI-HMS15N70K Datasheet
1Mb / 7P
   700V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com