Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25DQ161-SH-B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AT25DQ161-SH-B
Description  Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DQ161-SH-B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AT25DQ161-SH-B Datasheet HTML 1Page - List of Unclassifed Manufacturers AT25DQ161-SH-B Datasheet HTML 2Page - List of Unclassifed Manufacturers AT25DQ161-SH-B Datasheet HTML 3Page - List of Unclassifed Manufacturers AT25DQ161-SH-B Datasheet HTML 4Page - List of Unclassifed Manufacturers AT25DQ161-SH-B Datasheet HTML 5Page - List of Unclassifed Manufacturers AT25DQ161-SH-B Datasheet HTML 6Page - List of Unclassifed Manufacturers AT25DQ161-SH-B Datasheet HTML 7Page - List of Unclassifed Manufacturers AT25DQ161-SH-B Datasheet HTML 8Page - List of Unclassifed Manufacturers AT25DQ161-SH-B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
8671D–DFLASH–1/2013
Features
Single 2.7V - 3.6V supply
Serial Peripheral Interface (SPI) compatible
Supports SPI Modes 0 and 3
Supports RapidSoperation
Supports Dual- and Quad-Input Program
Supports Dual- and Quad-Output Read
Very high operating frequencies
100MHz for RapidS
85MHz for SPI
Clock-to-output time (tV) of 5ns maximum
Flexible, optimized erase architecture for code + data storage applications
Uniform 4KB, 32KB, and 64KB Block Erase
Full Chip Erase
Individual sector protection with Global Protect/Unprotect feature
32 sectors of 64KB each
Hardware controlled locking of protected sectors via WP pin
Sector Lockdown
Make any combination of 64KB sectors permanently read-only
128-byte One-Time Programmable (OTP) Security Register
Flexible programming
Byte/Page Program (1 to 256 bytes)
Fast Program and Erase times
1.0ms typical Page Program (256 bytes) time
50ms typical 4KB Block Erase time
250ms typical 32KB Block Erase time
400ms typical 64KB Block Erase time
Program and Erase Suspend/Resume
Automatic checking and reporting of erase/program failures
Software controlled reset
JEDEC Standard Manufacturer and Device ID Read Methodology
Low power dissipation
5mA Active Read current (typical at 20MHz)
5μA Deep Power-Down current (typical)
Endurance: 100,000 Program/Erase cycles
Data retention: 20 years
Complies with full industrial temperature range
Industry standard green (Pb/Halide-free/RoHS-compliant) package options
8-lead SOIC (0.150" and 0.208" wide)
8-pad Ultra Thin UDFN (5 x 6 x 0.6mm)
AT25DQ161
16-Mbit, 2.7V Minimum SPI Serial Flash Memory
with Dual-I/O and Quad-I/O Support
DATASHEET


Similar Part No. - AT25DQ161-SH-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DQ161-SH-B ATMEL-AT25DQ161-SH-B Datasheet
1Mb / 64P
   16-Megabit 2.7-volt Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
More results

Similar Description - AT25DQ161-SH-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25SF041 ETC2-AT25SF041 Datasheet
2Mb / 46P
   4-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
logo
Dialog Semiconductor
AT25SF161 DIALOG-AT25SF161 Datasheet
484Kb / 4P
   16-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT25SF041 DIALOG-AT25SF041 Datasheet
485Kb / 4P
   4-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
logo
Renesas Technology Corp
AT25SF041 RENESAS-AT25SF041 Datasheet
3Mb / 49P
   4-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
8/2020
AT25QL641 RENESAS-AT25QL641 Datasheet
3Mb / 80P
   SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
Sep 14, 2022
logo
Dialog Semiconductor
AT25QL321 DIALOG-AT25QL321 Datasheet
5Mb / 79P
   32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
logo
Renesas Technology Corp
AT45DQ161 RENESAS-AT45DQ161 Datasheet
3Mb / 82P
   16-Mbit DataFlash, 2.3V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
2/2022
logo
Dialog Semiconductor
AT25SL128A DIALOG-AT25SL128A Datasheet
5Mb / 75P
   128-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
AT45DQ161 DIALOG-AT45DQ161 Datasheet
1Mb / 83P
   16-Mbit DataFlash, 2.3V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
logo
ATMEL Corporation
AT25DQ161 ATMEL-AT25DQ161_09 Datasheet
1Mb / 64P
   16-Megabit 2.7-volt Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com