Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSF6N70 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MSF6N70
Description  700V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MSF6N70 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MSF6N70 Datasheet HTML 1Page - Bruckewell Technology LTD MSF6N70 Datasheet HTML 2Page - Bruckewell Technology LTD MSF6N70 Datasheet HTML 3Page - Bruckewell Technology LTD MSF6N70 Datasheet HTML 4Page - Bruckewell Technology LTD MSF6N70 Datasheet HTML 5Page - Bruckewell Technology LTD MSF6N70 Datasheet HTML 6Page - Bruckewell Technology LTD MSF6N70 Datasheet HTML 7Page - Bruckewell Technology LTD MSF6N70 Datasheet HTML 8Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MSF6N70 700V N-Channel MOSFET
©Bruckewell Technology Corporation Rev. B -2013
Characteristics (Tc=25°C, unless otherwise specified)
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static Characteristics
VGS
VDS = VGS, ID=250μA
2.0
-
4.0
V
*RDS(ON)
VGS =10V,ID =2.8A
-
1.5
1.8
Ω
BVDSS
VGS=0, ID=250μA
700
-
-
V
∆BVDSS/∆Tj
Reference to 25°C, ID=250μA
0.70
IDSS
VDS =700V,VGS =0V
-
-
1
uA
VDS =560V, VGS =0, Tj=125°C
-
-
10
IGSSF
VGS =30V,VDS =0V
-
-
100
nA
IGSSR
VGS =-30V,VDS =0V
-
-
-100
nA
Dynamic Characteristics
Ciss
VGS=0V, VDS=25V, f=1MHz
-
1100
1500
pF
Coss
-
110
150
Crss
-
12
16
td(ON)
VDS =350V,ID =5.5A, RG = 25 Ω
-
10
30
ns
tr
-
35
80
td(OFF)
-
45
100
tf
-
40
90
Qg
VDS =560V,ID =5.5A, VGS =10V
-
29
37
nC
Qgs
-
5
-
Qgd
-
11
-
Source-Drain Diode Characteristics
IS
-
-
5.5
A
ISM
-
-
22
VSD
IS = 5.5A, VGS = 0 V
-
-
1.5
V
trr
IS = 5.5 A, VGS = 0 V diF/dt = 100 A/μs
-
390
-
nS
Qrr
-
3.6
-
nC


Similar Part No. - MSF6N70

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSF6N40 BWTECH-MSF6N40 Datasheet
911Kb / 6P
   N-Channel Enhancement Mode Power MOSFET
MSF6N60 BWTECH-MSF6N60 Datasheet
1Mb / 5P
   N-Channel Enhancement Mode Power MOSFET
MSF6N65 BWTECH-MSF6N65 Datasheet
457Kb / 4P
   N-Channel Enhancement Mode Power MOSFET
MSF6N90 BWTECH-MSF6N90 Datasheet
1Mb / 7P
   900V N-Channel MOSFET
More results

Similar Description - MSF6N70

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSD2N70 BWTECH-MSD2N70 Datasheet
1,016Kb / 8P
   700V N-Channel MOSFET
MSF2N70 BWTECH-MSF2N70 Datasheet
1Mb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP2N70S SEMIHOW-HFP2N70S Datasheet
949Kb / 8P
   700V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF15N70 FAIRCHILD-FQAF15N70 Datasheet
756Kb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD1N70 SEMIHOW-HFD1N70 Datasheet
730Kb / 8P
   700V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP6N70 FAIRCHILD-FQP6N70 Datasheet
763Kb / 8P
   700V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR10N70FG FOSTER-FIR10N70FG Datasheet
2Mb / 8P
   700V N-Channel MOSFET
logo
Pan Jit International I...
PJU6NA70 PANJIT-PJU6NA70 Datasheet
442Kb / 8P
   700V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR4N70FG FOSTER-FIR4N70FG Datasheet
6Mb / 10P
   700V N-Channel MOSFET
logo
Shenzhen Huazhimei Semi...
HMS15N70K HMSEMI-HMS15N70K Datasheet
1Mb / 7P
   700V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com