Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBN70A48 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBN70A48
Description  70MHz SAW Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN70A48 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBN70A48 Datasheet HTML 1Page - SIPAT Co,Ltd LBN70A48 Datasheet HTML 2Page - SIPAT Co,Ltd LBN70A48 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN70A48
Rev. Date
2008-01-30
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
70MHz SAW Filter
5MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w.. s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBN70A48
Typical Performance
Frequency Respond
Passband Respond
60
62
64
66
68
70
72
74
76
78
80
-113.8002
-103.8002
-93.8002
-83.8002
-73.8002
-63.8002
-53.8002
-43.8002
-33.8002
-23.8002
-13.8002
Type Performance
Frequency(MHz)
65
66
67
68
69
70
71
72
73
74
75
-26.3002
-25.8002
-25.3002
-24.8002
-24.3002
-23.8002
-23.3002
-22.8002
-22.3002
Horizontal: 2MHz/Div
Vertical: 10dB/Div
Horizontal: 1MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±2MHz)
Phase Linearity(f0±2MHz)
65
66
67
68
69
70
71
72
73
74
75
3200
3300
3400
3500
3600
3700
3800
3900
4000
4100
X: 70
Y: 3718
Type Performance
Frequency(MHz)
X: 72
Y: 3802
X: 68
Y: 3746
65
66
67
68
69
70
71
72
73
74
75
-20
-15
-10
-5
0
5
10
15
X: 70
Y: 0.1946
Type Performance
Frequency(MHz)
X: 72
Y: -0.2216
X: 68
Y: 1.564
Horizontal: 1MHz/Div
Vertical: 100ns/Div
Horizontal: 1MHz/Div
Vertical: 5deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0


Similar Part No. - LBN70A48

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN70A48 SIPAT-LBN70A48 Datasheet
187Kb / 3P
   70MHz SAW Filter 5MHz Bandwidth
More results

Similar Description - LBN70A48

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LB070DS30 SIPAT-LB070DS30 Datasheet
258Kb / 3P
   70MHz SAW Filter
LBN7044 SIPAT-LBN7044 Datasheet
145Kb / 3P
   70MHz SAW Filter
LBN70A71 SIPAT-LBN70A71 Datasheet
196Kb / 3P
   70MHz SAW Filter
LBN7012 SIPAT-LBN7012 Datasheet
145Kb / 3P
   70MHz SAW Filter
LBN07090 SIPAT-LBN07090 Datasheet
142Kb / 3P
   70MHz SAW Filter
LBN70A16 SIPAT-LBN70A16 Datasheet
251Kb / 3P
   70MHz SAW Filter
LBN70A28 SIPAT-LBN70A28 Datasheet
172Kb / 3P
   70MHz SAW Filter
LBN70A36 SIPAT-LBN70A36 Datasheet
143Kb / 3P
   70MHz SAW Filter
LBN70A44 SIPAT-LBN70A44 Datasheet
150Kb / 3P
   70MHz SAW Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com