Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CS4392 Datasheet(PDF) 3 Page - Cirrus Logic

Part No. CS4392
Description  24-Bit, 192 kHz Stereo DAC with Volume Control 
Download  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

 
 3 page
background image
CS4392
DS459PP2
3
6.2.2 Soft Ramp or Zero Cross Enable (Bits 6:5) ...........................................20
6.2.3 ATAPI Channel Mixing and Muting (Bits 4:0) .........................................20
6.3 Channel A Volume Control - Address 03h ......................................................22
6.4.1 Mute (Bit 7) ............................................................................................22
6.4.2 Volume Control (Bits 6:0) .......................................................................22
6.5 Mode Control 2 - Address 05h ........................................................................22
6.5.1 Invert Signal Polarity (Bits 7:6) ...............................................................22
6.5.2 Control Port Enable (Bit 5) .....................................................................23
6.5.3 Power Down (Bit 4) ................................................................................23
6.5.4 AMUTEC = BMUTEC (Bit 3) ..................................................................23
6.5.5 Freeze (Bit 2) .........................................................................................23
6.5.6 Master Clock Divide (Bit 1) ....................................................................23
6.6 Mode Control 3 - Address 06h ........................................................................23
6.6.1 Interpolation Filter Select (Bit 4) .............................................................23
6.6.2 Soft Volume Ramp-up after Reset (Bit 3) ..............................................24
6.6.3 Soft Ramp-down before Reset (Bit 2) ....................................................24
6.7 Chip ID - Register 07h .....................................................................................24
7. CHARACTERISTICS/SPECIFICATIONS ..................................................................25
ANALOG CHARACTERISTICS (CS4392-KS/KZ) ..................................................25
COMBINED INTERPOLATION & ON-CHIP ANALOG FILTER
RESPONSE ............................................................................................................26
SWITCHING CHARACTERISTICS - SERIAL AUDIO INTERFACE .......................32
SWITCHING SPECIFICATIONS - DSD INTERFACE.............................................33
SWITCHING CHARACTERISTICS - CONTROL PORT INTERFACE....................34
SWITCHING CHARACTERISTICS - SPI CONTROL PORT ..................................35
DC ELECTRICAL CHARACTERISTICS .................................................................36
DIGITAL INPUT CHARACTERISTICS & SPECIFICATIONS .................................36
RECOMMENDED OPERATING SPECIFICATIONS ..............................................37
ABSOLUTE MAXIMUM RATINGS ..........................................................................37
8. PARAMETER DEFINITIONS ......................................................................................38
9. REFERENCES ............................................................................................................38
10. PACKAGE DIMENSIONS ........................................................................................39
LIST OF TABLES
Table 1. Clock Ratios .................................................................................................................... 10
Table 2. Single Speed (4 to 50 kHz sample rates) Common Clock Frequencies ......................... 10
Table 3. Double Speed (50 to 100 kHz sample rates) Common Clock Frequencies................... 10
Table 4. Quad Speed (100 to 200 kHz sample rates) Common Clock Frequencies ................... 10
Table 5. Digital Interface Format, Stand-Alone Mode Options...................................................... 11
Table 5. De-Emphasis Select, Stand-Alone Mode........................................................................ 12
Table 6. Mode Selection, Stand-Alone Mode Options .................................................................. 12
Table 7. Direct Stream Digital (DSD), Stand-Alone Mode Options ............................................... 13
Table 8. Digital Interface Formats - PCM Modes .......................................................................... 18
Table 10. De-Emphasis Mode Selection...................................................................................... 19
Table 11. Functional Mode Selection............................................................................................ 19
Table 12. Soft Cross or Zero Cross Mode Selection.................................................................... 20
Table 13. ATAPI Decode .............................................................................................................. 21
Table 14. Digital Volume Control Example Settings ..................................................................... 22




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CS4341A24-Bit 192 kHz Stereo DAC with Volume Control  1 2 3 4 5 MoreCirrus Logic
CS439124-Bit 192 kHz Stereo DAC with Volume Control  1 2 3 4 5 MoreCirrus Logic
CS4391A24-BIT 192 kHz STEREO DAC WITH VOLUME CONTROL 1 2 3 4 5 MoreCirrus Logic
CS434124-Bit 96 kHz Stereo DAC with Volume Control  1 2 3 4 5 MoreCirrus Logic
CS43L41Low Power 24-Bit 96 kHz DAC with Volume Control  1 2 3 4 5 MoreCirrus Logic
AD19394 ADC/8 DAC with PLL 192 kHz 24-Bit CODEC 1 2 3 4 5 MoreAnalog Devices
CS4398120 dB 192 kHz Multi-Bit DAC with Volume Control 1 2 3 4 5 MoreCirrus Logic
AD1852Stereo 24-Bit 192 kHz Multibit DAC 1 2 3 4 5 MoreAnalog Devices
CS4351192 kHz STEREO DAC WITH 2 Vrms LINE OUT 1 2 3 4 5 MoreCirrus Logic
AD1853Stereo 24-Bit 192 kHz Multibit DAC 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl