Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CS4392 Datasheet(PDF) 6 Page - Cirrus Logic

Part No. CS4392
Description  24-Bit, 192 kHz Stereo DAC with Volume Control 
Download  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

 6 page
background image
CS4392
6
DS459PP2
1.1
PIN DESCRIPTION - DSD mode
DSD_A
DSD_B
3
4
DSD Data (Input) - Input for Direct Stream Digital serial audio data.
DSD_Mode
5
DSD Mode (Input) - In stand alone mode, this pin must be set to a logic ‘1’ for operation of DSD Mode.
DSD_SCLK
7
DSD Serial Clock (Input/Output) - Serial clock for the Direct Stream Digital audio interface.
RST
AMUTEC
VL
AOUTA-
DSD_A
AOUTA+
DSD_B
VA
DSD_MODE
AGND
MCLK
AOUTB+
DSD_SCLK
AOUTB-
(SCL/CCLK) M2
BMUTEC
(SDA/CDIN) M1
CMOUT
(AD0/CS)M0
FILT+
1
2
3
4
20
19
18
17
5
6
7
8
16
15
14
13
9
10
12
11




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CS4341A24-Bit 192 kHz Stereo DAC with Volume Control  1 2 3 4 5 MoreCirrus Logic
CS439124-Bit 192 kHz Stereo DAC with Volume Control  1 2 3 4 5 MoreCirrus Logic
CS4391A24-BIT 192 kHz STEREO DAC WITH VOLUME CONTROL 1 2 3 4 5 MoreCirrus Logic
CS434124-Bit 96 kHz Stereo DAC with Volume Control  1 2 3 4 5 MoreCirrus Logic
CS43L41Low Power 24-Bit 96 kHz DAC with Volume Control  1 2 3 4 5 MoreCirrus Logic
AD19394 ADC/8 DAC with PLL 192 kHz 24-Bit CODEC 1 2 3 4 5 MoreAnalog Devices
CS4398120 dB 192 kHz Multi-Bit DAC with Volume Control 1 2 3 4 5 MoreCirrus Logic
AD1852Stereo 24-Bit 192 kHz Multibit DAC 1 2 3 4 5 MoreAnalog Devices
CS4351192 kHz STEREO DAC WITH 2 Vrms LINE OUT 1 2 3 4 5 MoreCirrus Logic
AD1853Stereo 24-Bit 192 kHz Multibit DAC 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl