Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4391 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS4391
Description  24-Bit, 192 kHz Stereo DAC with Volume Control?
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4391 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS4391 Datasheet HTML 28Page - Cirrus Logic CS4391 Datasheet HTML 29Page - Cirrus Logic CS4391 Datasheet HTML 30Page - Cirrus Logic CS4391 Datasheet HTML 31Page - Cirrus Logic CS4391 Datasheet HTML 32Page - Cirrus Logic CS4391 Datasheet HTML 33Page - Cirrus Logic CS4391 Datasheet HTML 34Page - Cirrus Logic CS4391 Datasheet HTML 35Page - Cirrus Logic CS4391 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
CS4391
32
DS335PP3
7. APPLICATIONS
7.1
Recommended Power-up Sequence
for Hardware Mode
1) Hold RST low until the power supplies, master,
and left/right clocks are stable.
2) Bring RST high.
7.2
Recommended Power-up Sequence
and Access to Control Port Mode
1) Hold RST low until the power supply, master,
and left/right clocks are stable. In this state, the
control port is reset to its default settings and
CMOUT will remain low.
2) Bring RST high. The device will remain in a
low power state with CMOUT low and the con-
trol port is accessible.
3) Write 11h to register 5 within 10 ms cycles fol-
lowing the release of RST.
4) The desired register settings can be loaded
while keeping the PDN bit set to 1.
5) Set the PDN bit to 0 which will initiate the pow-
er-up sequence which requires approximately
10 µS.
7.3
Analog Output and Filtering
The application note “Design Notes for a 2-Pole
Filter with Differential Input” discusses the sec-
ond-order Butterworth filter and differential to sin-
gle-ended converter which was implemented on the
CS4391 evaluation board, CDB4391. The CS4391
filter, as seen in Figure 14, is a linear phase design
and does not include phase or amplitude compensa-
tion for an external filter. Therefore, the DAC sys-
tem phase and amplitude response will be
dependent on the external analog circuitry.
AMUTEC
AOUTA+
GND
C43
10UF
GND
GND
GND
1.18K
R17
NC
4
3
2
1
CON_RCA_RA
J3
2
3
1
2SC2878
Q1
2K
R25
3
1
2
Q3
MMUN2111LT1
AOUTA
VA+3/+5
R20
560
3
1
2
Q4
MMUN2211LT1
R24
5.62K
R5
47K
R28
5.62K
1.18K
R18
5.62K
R15
5.62K
R26
C49
.1UF
V-
V+
+
-
4
8
1
2
3
U11
MC33078D
C48
.1UF
GND
GND
GND
GND
GND
GND
C42
10UF
COG
2700PF
C7
COG
560PF
C6
COG
C5
560PF
COG
2700PF
C14
VCC
VEE
AOUTA-
Figure 14. CS4391 Output Filter


Similar Part No. - CS4391

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4391 CIRRUS-CS4391 Datasheet
823Kb / 38P
   24-Bit, 192 kHz Stereo DAC with Volume Control
CS4391-KZ CIRRUS-CS4391-KZ Datasheet
823Kb / 38P
   24-Bit, 192 kHz Stereo DAC with Volume Control
logo
List of Unclassifed Man...
CS4391-KZ ETC2-CS4391-KZ Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Cirrus Logic
CS4391-KZZ CIRRUS-CS4391-KZZ Datasheet
823Kb / 38P
   24-Bit, 192 kHz Stereo DAC with Volume Control
CS4391A CIRRUS-CS4391A Datasheet
748Kb / 40P
   24-BIT, 192 kHz STEREO DAC WITH VOLUME CONTROL
More results

Similar Description - CS4391

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4391 CIRRUS-CS4391_04 Datasheet
823Kb / 38P
   24-Bit, 192 kHz Stereo DAC with Volume Control
CS4392 CIRRUS-CS4392_04 Datasheet
1Mb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4341A CIRRUS-CS4341A_04 Datasheet
1Mb / 34P
   24-Bit, 192 kHz Stereo DAC with Volume Control
CS4392 CIRRUS-CS4392 Datasheet
978Kb / 42P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4391A CIRRUS-CS4391A Datasheet
748Kb / 40P
   24-BIT, 192 kHz STEREO DAC WITH VOLUME CONTROL
CS4341A CIRRUS-CS4341A Datasheet
716Kb / 32P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4341 CIRRUS-CS4341_05 Datasheet
909Kb / 34P
   24-Bit, 96 kHz Stereo DAC with Volume Control
CS4341 CIRRUS-CS4341 Datasheet
923Kb / 36P
   24-Bit, 96 kHz Stereo DAC with Volume Control?
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com