Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK302 Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # LNK302
Description  Lowest Component Count, Energy-Efficient Off-Line Switcher IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK302 Datasheet(HTML) 4 Page - Power Integrations, Inc.

  LNK302 Datasheet HTML 1Page - Power Integrations, Inc. LNK302 Datasheet HTML 2Page - Power Integrations, Inc. LNK302 Datasheet HTML 3Page - Power Integrations, Inc. LNK302 Datasheet HTML 4Page - Power Integrations, Inc. LNK302 Datasheet HTML 5Page - Power Integrations, Inc. LNK302 Datasheet HTML 6Page - Power Integrations, Inc. LNK302 Datasheet HTML 7Page - Power Integrations, Inc. LNK302 Datasheet HTML 8Page - Power Integrations, Inc. LNK302 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Rev. J 06/13
4
LNK302/304-306
www.powerint.com
Auto-Restart (LNK304-306 Only)
In the event of a fault condition such as output overload, output
short, or an open-loop condition, LinkSwitch-TN enters into
auto-restart operation. An internal counter clocked by the
oscillator gets reset every time the FEEDBACK pin is pulled
high. If the FEEDBACK pin is not pulled high for 50 ms, the
power MOSFET switching is disabled for 800 ms. The auto-
restart alternately enables and disables the switching of the
power MOSFET until the fault condition is removed.
Applications Example
A 1.44 W Universal Input Buck Converter
The circuit shown in Figure 5 is a typical implementation of a
12 V, 120 mA non-isolated power supply used in appliance
control such as rice cookers, dishwashers or other white goods.
This circuit may also be applicable to other applications such as
night-lights, LED drivers, electricity meters, and residential
heating controllers, where a non-isolated supply is acceptable.
The input stage comprises fusible resistor RF1, diodes D3 and
D4, capacitors C4 and C5, and inductor L2. Resistor RF1 is a
flame proof, fusible, wire wound resistor. It accomplishes
several functions: a) Inrush current limitation to safe levels for
rectifiers D3 and D4; b) Differential mode noise attenuation; c)
Input fuse should any other component fail short-circuit
(component fails safely open-circuit without emitting smoke, fire
or incandescent material).
The power processing stage is formed by the LinkSwitch-TN,
freewheeling diode D1, output choke L1, and the output capacitor
C2. The LNK304 was selected such that the power supply
operates in the mostly discontinuous-mode (MDCM). Diode D1
is an ultrafast diode with a reverse recovery time (t
RR) of
approximately 75 ns, acceptable for MDCM operation. For
continuous conduction mode (CCM) designs, a diode with a t
rr
of ≤35 ns is recommended. Inductor L1 is a standard off-the-
shelf inductor with appropriate RMS current rating (and acceptable
temperature rise). Capacitor C2 is the output filter capacitor; its
primary function is to limit the output voltage ripple. The output
voltage ripple is a stronger function of the ESR of the output
capacitor than the value of the capacitor itself.
To a first order, the forward voltage drops of D1 and D2 are
identical. Therefore, the voltage across C3 tracks the output
voltage. The voltage developed across C3 is sensed and
regulated via the resistor divider R1 and R3 connected to U1’s
FEEDBACK pin. The values of R1 and R3 are selected such
that, at the desired output voltage, the voltage at the
FEEDBACK pin is 1.65 V.
Regulation is maintained by skipping switching cycles. As the
output voltage rises, the current into the FEEDBACK pin will
rise. If this exceeds I
FB then subsequent cycles will be skipped
until the current reduces below I
FB. Thus, as the output load is
reduced, more cycles will be skipped and if the load increases,
fewer cycles are skipped. To provide overload protection if no
cycles are skipped during a 50 ms period, LinkSwitch-TN will
enter auto-restart (LNK304-306), limiting the average output
power to approximately 6% of the maximum overload power.
Due to tracking errors between the output voltage and the
voltage across C3 at light load or no-load, a small pre-load may
be required (R4). For the design in Figure 5, if regulation to zero
load is required, then this value should be reduced to 2.4 kΩ.
600
020
68 kHz
64 kHz
VDRAIN
Time (
µs)
500
400
300
200
100
0
Figure 4.
Frequency Jitter.
RTN
12 V,
120 mA
85-265
VAC
PI-3757-041509
FB
BP
S
D
LinkSwitch-TN
C4
4.7
µF
400 V
C1
100 nF
D4
1N4007
D3
1N4007
D1
UF4005
LNK304
D2
1N4005GP
C2
100
µF
16 V
RF1
8.2
2 W
R1
13.0 k
1%
R3
2.05 k
1%
L2
1 mH
L1
1 mH
280 mA
C5
4.7
µF
400 V
C3
10
µF
35 V
R4
3.3 k
Figure 5.
Universal Input, 12 V, 120 mA Constant Voltage Power Supply Using LinkSwitch-TN.


Similar Part No. - LNK302

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK302 POWERINT-LNK302 Datasheet
867Kb / 16P
   Lowest Component Count, Energy Efficient Off-Line Switcher IC
logo
FERYSTER Inductive Comp...
LNK302 FERYSTER-LNK302 Datasheet
761Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK302 POWERINT-LNK302 Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK302 POWERINT-LNK302 Datasheet
993Kb / 18P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
LNK302 POWERINT-LNK302 Datasheet
1Mb / 19P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
December 2021
More results

Similar Description - LNK302

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK302 POWERINT-LNK302_08 Datasheet
712Kb / 20P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
LNK302 POWERINT-LNK302 Datasheet
867Kb / 16P
   Lowest Component Count, Energy Efficient Off-Line Switcher IC
LNK302DG-TL POWERINT-LNK302DG-TL Datasheet
993Kb / 18P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
LNK302 POWERINT-LNK302_V01 Datasheet
1Mb / 19P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
December 2021
LNK304DN POWERINT-LNK304DN Datasheet
711Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK305GN POWERINT-LNK305GN Datasheet
717Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
logo
FERYSTER Inductive Comp...
LNK302 FERYSTER-LNK302 Datasheet
761Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK306DN-TL POWERINT-LNK306DN-TL Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK302GN POWERINT-LNK302GN Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK302P POWERINT-LNK302P Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com