Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK302DN-TL Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # LNK302DN-TL
Description  Lowest Component Count, Energy-Efficient Off-Line Switcher IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK302DN-TL Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button LNK302DN-TL Datasheet HTML 7Page - Power Integrations, Inc. LNK302DN-TL Datasheet HTML 8Page - Power Integrations, Inc. LNK302DN-TL Datasheet HTML 9Page - Power Integrations, Inc. LNK302DN-TL Datasheet HTML 10Page - Power Integrations, Inc. LNK302DN-TL Datasheet HTML 11Page - Power Integrations, Inc. LNK302DN-TL Datasheet HTML 12Page - Power Integrations, Inc. LNK302DN-TL Datasheet HTML 13Page - Power Integrations, Inc. LNK302DN-TL Datasheet HTML 14Page - Power Integrations, Inc. LNK302DN-TL Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Rev. J 06/13
11
LNK302/304-306
www.powerint.com
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
See Figure 7
(Unless Otherwise Specified)
Min
Typ
Max
Units
Output
ON-State
Resistance
R
DS(ON)
LNK302
I
D = 13 mA
T
J = 25 °C
48
55.2
T
J = 100 °C
76
88.4
LNK304
I
D = 25 mA
T
J = 25 °C
24
27.6
T
J = 100 °C
38
44.2
LNK305
I
D = 35 mA
T
J = 25 °C
12
13.8
T
J = 100 °C
19
22.1
LNK306
I
D = 45 mA
T
J = 25 °C
7
8.1
T
J = 100 °C
11
12.9
OFF-State Drain
Leakage Current
I
DSS
V
BP = 6.2 V, VFB ≥2 V,
V
DS = 560 V,
T
J = 25 °C
LNK302/304
50
mA
LNK305
70
LNK306
90
Breakdown Voltage
BV
DSS
V
BP = 6.2 V, VFB ≥2 V,
T
J = 25 °C
700
V
Rise Time
t
R
Measured in a Typical Buck
Converter Application
50
ns
Fall Time
t
F
50
ns
DRAIN Pin
Supply Voltage
50
V
Output Enable Delay
t
EN
See Figure 9
10
ms
Output Disable
Setup Time
t
DST
0.5
ms
Auto-Restart
ON-Time
t
AR
T
J = 25 °C
See Note H
LNK302
Not Applicable
ms
LNK304-306
50
Auto-Restart
Duty Cycle
DC
AR
LNK302
Not Applicable
%
LNK304-306
6
Notes:
A. Total current consumption is the sum of I
S1 and IDSS when FEEDBACK pin voltage is ≥2 V (MOSFET not switching) and the sum of
I
S2 and IDSS when FEEDBACK pin is shorted to SOURCE (MOSFET switching).
B. Since the output MOSFET is switching, it is difficult to isolate the switching current from the supply current at the DRAIN.
An alternative is to measure the BYPASS pin current at 6 V.
C. See Typical Performance Characteristics section Figure 14 for BYPASS pin start-up charging waveform.
D. This current is only intended to supply an optional optocoupler connected between the BYPASS and FEEDBACK
pins and not any other external circuitry.
E. For current limit at other di/dt values, refer to Figure 13.
F. This parameter is guaranteed by design.
G. This parameter is derived from characterization.
H. Auto-restart on time has the same temperature characteristics as the oscillator (inversely proportional to frequency).


Similar Part No. - LNK302DN-TL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK302DN-TL POWERINT-LNK302DN-TL Datasheet
1Mb / 19P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
December 2021
More results

Similar Description - LNK302DN-TL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK302 POWERINT-LNK302_08 Datasheet
712Kb / 20P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
LNK302 POWERINT-LNK302 Datasheet
867Kb / 16P
   Lowest Component Count, Energy Efficient Off-Line Switcher IC
LNK302DG-TL POWERINT-LNK302DG-TL Datasheet
993Kb / 18P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
LNK302 POWERINT-LNK302_V01 Datasheet
1Mb / 19P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
December 2021
LNK304DN POWERINT-LNK304DN Datasheet
711Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK305GN POWERINT-LNK305GN Datasheet
717Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
logo
FERYSTER Inductive Comp...
LNK302 FERYSTER-LNK302 Datasheet
761Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK306DN-TL POWERINT-LNK306DN-TL Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK302GN POWERINT-LNK302GN Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK302P POWERINT-LNK302P Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com