Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6022IMX Datasheet(PDF) 2 Page - Texas Instruments

Part # LMC6022IMX
Description  LMC6022 Low Power CMOS Dual Operational Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC6022IMX Datasheet(HTML) 2 Page - Texas Instruments

  LMC6022IMX Datasheet HTML 1Page - Texas Instruments LMC6022IMX Datasheet HTML 2Page - Texas Instruments LMC6022IMX Datasheet HTML 3Page - Texas Instruments LMC6022IMX Datasheet HTML 4Page - Texas Instruments LMC6022IMX Datasheet HTML 5Page - Texas Instruments LMC6022IMX Datasheet HTML 6Page - Texas Instruments LMC6022IMX Datasheet HTML 7Page - Texas Instruments LMC6022IMX Datasheet HTML 8Page - Texas Instruments LMC6022IMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LMC6022
SNOS622D – NOVEMBER 1994 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1)
Differential Input Voltage
±Supply Voltage
Supply Voltage (V+
− V)
16V
Lead Temperature (Soldering, 10 sec.)
260°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
ESD Tolerance(2)
1000V
Voltage at Output/Input Pin
(V+) +0.3V, (V)
−0.3V
Current at Output Pin
±18 mA
Current at Power Supply Pin
35 mA
Power Dissipation
See(3)
Current at Input Pin
±5 mA
Output Short Circuit to V
See(4)
Output Short Circuit to V+
See(5)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to component may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test
conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed.
(2)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
(3)
The maximum power dissipation is a function of TJ(max), θJA and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(max) − TA)/θJA.
(4)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature and/or
multiple Op Amp shorts can result in exceeding the maximum allowed junction temperature of 150°C. Output currents in excess of ±30
mA over long term may adversely affect reliability.
(5)
Do not connect output to V+ when V+ is greater than 13V or reliability may be adversely affected.
OPERATING RATINGS
Temperature Range
−40°C ≤ TJ ≤ +85°C
Supply Voltage Range
4.75V to 15.5V
Power Dissipation
See(1)
Thermal Resistance (
θJA)
(2)
8-Pin SOIC
165°C/W
(1)
For operating at elevated temperatures the device must be derated based on the thermal resistance
θJA with PD = (TJ−TA)/θJA.
(2)
All numbers apply for packages soldered directly into a PC board.
DC ELECTRICAL CHARACTERISTICS
The following specifications apply for V
+ = 5V, V= 0V, V
CM = 1.5V, VO = 2.5V, and RL = 1M unless otherwise noted.
Boldface limits apply at the temperature extremes; all other limits TJ = 25°C.
LMC6022I
Symbol
Parameter
Conditions
Typical(1)
Units
Limit(2)
VOS
Input Offset Voltage
1
9
mV
11
max
ΔVOS/ΔT
Input Offset Voltage
2.5
μV/°C
Average Drift
IB
Input Bias Current
0.04
pA
200
max
IOS
Input Offset Current
0.01
pA
100
max
RIN
Input Resistance
>1
Tera
Ω
(1)
Typical values represent the most likely parametric norm.
(2)
All limits are guaranteed by testing or correlation.
2
Submit Documentation Feedback
Copyright © 1994–2013, Texas Instruments Incorporated
Product Folder Links: LMC6022


Similar Part No. - LMC6022IMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6022IM NSC-LMC6022IM Datasheet
339Kb / 16P
   Low Power CMOS Dual Operational Amplifier
More results

Similar Description - LMC6022IMX

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM832BW ELM-ELM832BW Datasheet
926Kb / 10P
   CMOS Low power dual operational amplifier
logo
National Semiconductor ...
LMC6022 NSC-LMC6022 Datasheet
339Kb / 16P
   Low Power CMOS Dual Operational Amplifier
LPC662 NSC-LPC662 Datasheet
585Kb / 16P
   Low Power CMOS Dual Operational Amplifier
LPC662 NSC-LPC662_14 Datasheet
644Kb / 20P
   Low Power CMOS Dual Operational Amplifier
logo
ELM Technology Corporat...
ELM832BW ELM-TECH-ELM832BW Datasheet
119Kb / 10P
   CMOS Low power dual operational amplifier
logo
Advanced Linear Devices
ALD2732A ALD-ALD2732A Datasheet
92Kb / 9P
   PRECISION DUAL LOW POWER CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LPC662 TI1-LPC662 Datasheet
644Kb / 20P
[Old version datasheet]   LPC662 Low Power CMOS Dual Operational Amplifier
logo
Advanced Linear Devices
ALD2722 ALD-ALD2722_11 Datasheet
110Kb / 13P
   DUAL EPAD짰 LOW POWER CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LPC661 NSC-LPC661_14 Datasheet
363Kb / 17P
   Low Power CMOS Operational Amplifier
LPC661 NSC-LPC661 Datasheet
311Kb / 13P
   Low Power CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com