Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4360-BS Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS4360-BS
Description  24-Bit, 192 kHz 6 Channel D/A Converter?
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4360-BS Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS4360-BS Datasheet HTML 4Page - Cirrus Logic CS4360-BS Datasheet HTML 5Page - Cirrus Logic CS4360-BS Datasheet HTML 6Page - Cirrus Logic CS4360-BS Datasheet HTML 7Page - Cirrus Logic CS4360-BS Datasheet HTML 8Page - Cirrus Logic CS4360-BS Datasheet HTML 9Page - Cirrus Logic CS4360-BS Datasheet HTML 10Page - Cirrus Logic CS4360-BS Datasheet HTML 11Page - Cirrus Logic CS4360-BS Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
CS4360
8
DS517PP1
ABSOLUTE MAXIMUM RATINGS (GND = 0V; all voltages with respect to ground.)
WARNING: Operation at or beyond these limits may result in permanent damage to the device. Normal operation is
not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS (GND = 0V; all voltages with respect to ground.)
13. Applies to pins 2, 3, 4, 5, 6, and 7.
14. Applies to pins 10, 11, 12, and 13.
Parameters
Symbol
Min
Max
Units
DC Power Supply
Analog power
Digital power
Serial Audio Data Interface power
Control Port Interface power
VA
VD
VLS
VLC
-0.3
-0.3
-0.3
-0.3
6.0
6.0
6.0
6.0
V
V
V
V
Input Current, Any Pin Except Supplies
Iin
-
±10
mA
Digital Input Voltage
Serial audio data interface
Control port interface
VIND_S
VIND_C
-0.3
-0.3
VLS + 0.4
VLC + 0.4
V
V
Ambient Operating Temperature (power applied)
TA
-55
125
°C
Storage Temperature
Tstg
-65
150
°C
Parameters
Symbol
Min
Typ
Max
Units
DC Power Supply
Analog Power
Digital Power
Serial Audio Data Interface Power (Note 13)
Control Port Interface Power (Note 14)
VA
VD
VLS
VLC
2.7
2.0
1.8
1.8
5
5
5
5
5.5
VA
5.5
5.5
V
V
V
V


Similar Part No. - CS4360-BS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4360-DZZ CIRRUS-CS4360-DZZ Datasheet
848Kb / 37P
   24-Bit, 192 kHz 6 Channel D/A Converter
CS4360-KZ CIRRUS-CS4360-KZ Datasheet
848Kb / 37P
   24-Bit, 192 kHz 6 Channel D/A Converter
CS4360-KZZ CIRRUS-CS4360-KZZ Datasheet
848Kb / 37P
   24-Bit, 192 kHz 6 Channel D/A Converter
More results

Similar Description - CS4360-BS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4360 CIRRUS-CS4360_04 Datasheet
848Kb / 37P
   24-Bit, 192 kHz 6 Channel D/A Converter
CS4361 CIRRUS-CS4361 Datasheet
671Kb / 23P
   20-pin, 24-bit, 192 kHz, 6-channel D/A Converter
CS4361 CIRRUS-CS4361_08 Datasheet
703Kb / 24P
   20-Pin, 24-Bit, 192 kHz, 6-Channel D/A Converter
CS5366 CIRRUS-CS5366 Datasheet
713Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS5366 CIRRUS-CS5366_08 Datasheet
645Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS4362A CIRRUS-CS4362A_09 Datasheet
1,011Kb / 50P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4364 CIRRUS-CS4364 Datasheet
983Kb / 50P
   103 dB, 192 kHz 6-Channel D/A Converter
CS4396 CIRRUS-CS4396 Datasheet
527Kb / 28P
   24-Bit, 192 kHz D/A Converter for Digital Audio?
CS4364 CIRRUS-CS4364_08 Datasheet
1Mb / 50P
   103 dB, 192 kHz 6-Channel D/A Converter
CS4362 CIRRUS-CS4362_08 Datasheet
837Kb / 42P
   114 dB, 192 kHz 6-Channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com