Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB1962MC Datasheet(PDF) 1 Page - ON Semiconductor

Part # LB1962MC
Description  For Fan Motor Single-Phase Full-Wave Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1962MC Datasheet(HTML) 1 Page - ON Semiconductor

  LB1962MC Datasheet HTML 1Page - ON Semiconductor LB1962MC Datasheet HTML 2Page - ON Semiconductor LB1962MC Datasheet HTML 3Page - ON Semiconductor LB1962MC Datasheet HTML 4Page - ON Semiconductor LB1962MC Datasheet HTML 5Page - ON Semiconductor LB1962MC Datasheet HTML 6Page - ON Semiconductor LB1962MC Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
70412 SY 20120607-S00001/42512 SY 20120305-S00002 No.A2025-1/7
http://onsemi.com
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Semiconductor Components Industries, LLC, 2013
May, 2013
LB1962MC
Overview
Single-phase full-wave drive design and a compact package make these ICs optimal for small fans (especially CPU
cooling fans). Low switching noise and effective motor drive are further advantages.
Functions
• Support for 5V/12V dual power supply voltage
• Built-in regenerative circuit allows use of reverse connection protection diode
• Built-in Hall amplifier with hysteresis (supports core without auxiliary electrode)
• Built-in lockup protection and automatic recovery circuits
• Rotation detection output (FG)
• Hall bias pin and start/stop pin allow reduced current drain in standby mode
• Built-in thermal protection circuit
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
17
V
Maximum output current
IOUT max
0.5
A
Maximum output withstand voltage
VOUT max
17
V
FG maximum output withstand voltage
VFG max
17
V
FG maximum output current
IFG max
5mA
HB maximum output current
IB max
10
mA
ST maximum input voltage
VST max
15
V
Allowable power dissipation
Pd max
Mounted on a specified board *
800
mW
Operating temperature
Topr
-30 to +90
°C
Storage temperature
Tstg
-55 to +150
°C
* Specified board: 114.3mm
× 76.2mm × 1.6mm, glass epoxy board.
Caution 1) Absolute maximum ratings represent the value which cannot be exceeded for any length of time.
Caution 2) Even when the device is used within the range of absolute maximum ratings, as a result of continuous usage under high temperature, high current,
high voltage, or drastic temperature change, the reliability of the IC may be degraded. Please contact us for the further details.
Monolithic Digital IC
For Fan Motor
Single-Phase Full-Wave Driver
Ordering number : ENA2025A


Similar Part No. - LB1962MC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1962M SANYO-LB1962M Datasheet
47Kb / 7P
   Fan Motor Single-Phase Full-Wave Drivers
LB1962M SANYO-LB1962M Datasheet
142Kb / 7P
   For Fan Motor Single-Phase Full-Wave Driver
More results

Similar Description - LB1962MC

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6908F ROHM-BA6908F Datasheet
101Kb / 8P
   Single-phase full-wave motor driver for fan motor
BD6709FS ROHM-BD6709FS Datasheet
241Kb / 6P
   Single-Phase Full-Wave Motor Driver for Fan Motor
BH6779FVM ROHM-BH6779FVM Datasheet
220Kb / 5P
   Single-Phase Full-Wave Motor Driver for Fan Motor
BD6963AFUJ ROHM-BD6963AFUJ Datasheet
115Kb / 4P
   Single-Phase Full-Wave Motor Driver for Fan Motor
logo
Unisonic Technologies
F6908 UTC-F6908_10 Datasheet
210Kb / 7P
   SINGLE-PHASE FULL-WAVE MOTOR DRIVER FOR FAN MOTOR
logo
Shaoxing Devechip Micro...
SDC11556 SDC-SDC11556 Datasheet
314Kb / 8P
   Single-Phase Full-Wave Motor Driver for Fan Motor
logo
AMtek SEMICONDUCTORS CO...
AM7301 AMTEK-AM7301 Datasheet
474Kb / 12P
   Single Phase Full-Wave Motor Driver for Fan Motor
May. 2011 V1.5
logo
Rohm
BD6722FS ROHM-BD6722FS_1 Datasheet
149Kb / 5P
   Single-Phase Full-Wave Motor Driver for Fan Motor
BA6906F ROHM-BA6906F_1 Datasheet
114Kb / 4P
   Single-Phase Full-Wave Motor Driver for Fan Motor
BD6721FS ROHM-BD6721FS Datasheet
316Kb / 6P
   Single-Phase Full-Wave Motor Driver for Fan Motor
BD6722FS ROHM-BD6722FS Datasheet
314Kb / 6P
   Single-Phase Full-Wave Motor Driver for Fan Motor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com