Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4340-KS Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS4340-KS
Description  24-Bit, 96 kHz Stereo DAC for Audio?
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4340-KS Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS4340-KS Datasheet HTML 17Page - Cirrus Logic CS4340-KS Datasheet HTML 18Page - Cirrus Logic CS4340-KS Datasheet HTML 19Page - Cirrus Logic CS4340-KS Datasheet HTML 20Page - Cirrus Logic CS4340-KS Datasheet HTML 21Page - Cirrus Logic CS4340-KS Datasheet HTML 22Page - Cirrus Logic CS4340-KS Datasheet HTML 23Page - Cirrus Logic CS4340-KS Datasheet HTML 24Page - Cirrus Logic CS4340-KS Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
CS4340
DS297PP3
21
7. ANALOG PERFORMANCE PLOTS
The following CS4340 Analog Performance Plots
were taken from the CDB4340 evaluation board
using the Audio Precision Dual Domain System
Two Cascade. All Base Rate Mode (BRM) plots
were taken at a 48 kHz sample rate with a 20 Hz to
20 kHz bandwidth using a 20 kHz low-pass brick-
wall filter in the DSP Analyzer. All High Rate
Mode (HRM) plots were taken at a 96 kHz sample
rate with a 20 Hz to 40 kHz bandwith using a
40 kHz brickwall filter in the DSP Analyzer.
Gain
dB
-10dB
0dB
Frequency
T2 = 15 µs
T1=50 µs
F1
F2
3.183 kHz
10.61 kHz
Figure 20. De-Emphasis Curve


Similar Part No. - CS4340-KS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4340-KS CIRRUS-CS4340-KS Datasheet
766Kb / 25P
   24-Bit, 96 kHz Stereo DAC for Audio
CS4340-KSZ CIRRUS-CS4340-KSZ Datasheet
766Kb / 25P
   24-Bit, 96 kHz Stereo DAC for Audio
More results

Similar Description - CS4340-KS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4340 CIRRUS-CS4340_05 Datasheet
766Kb / 25P
   24-Bit, 96 kHz Stereo DAC for Audio
logo
Texas Instruments
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
[Old version datasheet]   24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
[Old version datasheet]   24-Bit 96 kHz Stereo Audio Codec
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
[Old version datasheet]   24-BIT 96 kHz STEREO AUDIO CODEC
logo
Cirrus Logic
CS4340A CIRRUS-CS4340A_05 Datasheet
695Kb / 21P
   24-Bit, 192 kHz Stereo DAC for Audio
CS4340A CIRRUS-CS4340A Datasheet
628Kb / 20P
   24-Bit, 192 kHz Stereo DAC for Audio?
logo
Analog Devices
AD1871 AD-AD1871 Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
logo
NXP Semiconductors
UDA1361TS PHILIPS-UDA1361TS Datasheet
97Kb / 20P
   96 kHz sampling 24-bit stereo audio ADC
2001 Jan 17
logo
Analog Devices
EVAL-AD1871EBZ AD-EVAL-AD1871EBZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871YRSZ AD-AD1871YRSZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com