Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4333 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS4333
Description  8 Pin Stereo D/A Converter for Digital Audio
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4333 Datasheet(HTML) 2 Page - Cirrus Logic

  CS4333 Datasheet HTML 1Page - Cirrus Logic CS4333 Datasheet HTML 2Page - Cirrus Logic CS4333 Datasheet HTML 3Page - Cirrus Logic CS4333 Datasheet HTML 4Page - Cirrus Logic CS4333 Datasheet HTML 5Page - Cirrus Logic CS4333 Datasheet HTML 6Page - Cirrus Logic CS4333 Datasheet HTML 7Page - Cirrus Logic CS4333 Datasheet HTML 8Page - Cirrus Logic CS4333 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
ANALOG CHARACTERISTICS (TA = 25°C; Logic "1" = VA+; Logic "0" = AGND; MCLK = 12.288 MHz;
Full-Scale Output Sine Wave, 991 Hz; Input Sample Rate = 48 kHz; Input Data = 18 Bits; SCLK = 3.072 MHz;
Measurement Bandwidth is 10 Hz to 20 kHz, unweighted; unless otherwise specified. Resistive load = 20 k
Ω, capaci-
tive load = 100 pF)
CS4330/31/33-KS
VA +5V
CS4330/31/33-KS
VA +3V
CS4330/31/33-BS
VA +5V only
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
Specified Temperature Range
TA
-10
to
70
-10
to
70
-40
to
+85
°C
Resolution
-
-
18
-
-
18
-
-
18
Bits
Dynamic Performance
Dynamic Range
(A-weighted)
90
94
-
-
89
-
88
94
-
dB
Total Harmonic Distortion
-
0.003 0.007
-
0.003
-
-
.003
.008
%
Total Harmonic Distortion + Noise
0 dB Output,
-20 dB Output,
-60 dB Output
THD+N
-
-
-
-86
-72
-32
-81
-68
-28
-
-
-
-85
-67
-27
-80
-
-
-88
-
-
-86
-72
-32
-79
-66
-26
dB
dB
dB
Deviation From Linear Phase
(Note 1)
-
± 0.5
--
± 0.5
--
± 0.5
-deg
Passband: to 0.05 dB corner
(Note 2,3)
0
to
21.77
0
to
21.77
0
to
21.77
kHz
Frequency Response 10 Hz to 20 kHz(Note 1)
-
± 0.1
--
± 0.1
--
± 0.1
-dB
Passband Ripple
(Note 3)
-
-
±0.05
--
±0.05
--
±0.05
dB
StopBand
(Notes 2,3)
26.23
26.23
26.23
-
-
kHz
StopBand Attenuation
(Note 4)
60
-
-
60
-
-
60
-
-
dB
Group Delay (Fs = Input Sample Rate)
tgd
-
16 / Fs
-
-
16 / Fs
-
-
16 / Fs
-
s
Interchannel Isolation (1 kHz)
-
90
-
-
90
-
-
90
-
dB
dc Accuracy
Interchannel Gain Mismatch
-
0.1
-
-
0.1
-
-
0.1
-
dB
Gain Error
-
-
± 10
--
± 10
--
± 10
%
Gain Drift
-
250
-
-
250
-
-
250
-
ppm/
°C
Analog Output
Full Scale Output Voltage
3.33
3.70
4.07
1.66
1.85
2.03
3.33
3.70
4.07
Vpp
Output Common Mode Voltage
-
2.3
-
-
1.3
-
-
2.3
-
VDC
Minimum Resistive Load
-
10
-
-
10
-
-
20
-
k
Maximum Capacitive Load
-
100
-
-
100
-
-
100
-
pF
Power Supplies
Power Supply Current:
normal operation
power-down
IA+
IA+
-
-
28
60
32
-
-
-
20
20
25
-
-
-
28
60
32
-
mA
µA
Power Dissipation
normal operation
power-down
-
-
140
0.3
160
-
-
-
60
0.06
75
-
-
-
140
0.3
160
-
mW
mW
Power Supply Rejection Ratio
(1 kHz)
PSRR
-
50
-
-
50
-
-
50
-
dB
Notes: 1.
Combined digital and analog filter characteristics.
2.
The passband and stopband edges scale with frequency. For input sample rates, Fs, other than
48 kHz, the 0.05 dB passband edge is 0.4535
×Fs and the stopband edge is 0.5465×Fs.
3.
Digital filter characteristics.
4.
Measurement Bandwidth is 10 Hz to Fs (kHz)
CS4330, CS4331, CS4333
2
DS136F1


Similar Part No. - CS4333

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS4331 ETC-CS4331 Datasheet
115Kb / 1P
   Integrated Wavetable Music Synthesizer
JAN .95
logo
Cirrus Logic
CS4334 CIRRUS-CS4334 Datasheet
817Kb / 26P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS4334 CIRRUS-CS4334 Datasheet
806Kb / 24P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS4334-BS CIRRUS-CS4334-BS Datasheet
817Kb / 26P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS4334-BS CIRRUS-CS4334-BS Datasheet
740Kb / 25P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
More results

Similar Description - CS4333

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5330A CIRRUS-CS5330A Datasheet
899Kb / 30P
   8-Pin, Stereo A/D Converter for Digital Audio
CS5330A CIRRUS-CS5330A_06 Datasheet
254Kb / 16P
   8-Pin, Stereo A/D Converter for Digital Audio
logo
Suzhou Everest Semicond...
ES7134S EVEREST-ES7134S Datasheet
360Kb / 8P
   8-pin, 24-Bit Stereo D/A Converter for PCM Audio
logo
Cirrus Logic
CS4328 CIRRUS-CS4328 Datasheet
831Kb / 31P
   18-Bit, Stereo D/A Converter for Digital Audio
OCT 1993
CS5334 CIRRUS-CS5334 Datasheet
437Kb / 20P
   20-Bit, Stereo A/D Converter for Digital Audio
CS4329 CIRRUS-CS4329 Datasheet
1Mb / 36P
   20-Bit, Stereo D/A Converter for Digital Audio
CS4390 CIRRUS-CS4390 Datasheet
629Kb / 22P
   24-Bit, Stereo D/A Converter for Digital Audio
CS5126 CIRRUS-CS5126 Datasheet
394Kb / 32P
   16-Bit Stereo A/D Converter for Digital Audio
CS5360 CIRRUS-CS5360 Datasheet
546Kb / 22P
   24-Bit Stereo A/D Converter for Digital Audio
logo
Suzhou Everest Semicond...
ES7149 EVEREST-ES7149 Datasheet
364Kb / 9P
   12-pin, 24-Bit Stereo D/A Converter for PCM Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com