Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

02N06ZL-AL3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 02N06ZL-AL3-R
Description  0.2A, 60V SILICON N-CHANNEL MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

02N06ZL-AL3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  02N06ZL-AL3-R Datasheet HTML 1Page - Unisonic Technologies 02N06ZL-AL3-R Datasheet HTML 2Page - Unisonic Technologies 02N06ZL-AL3-R Datasheet HTML 3Page - Unisonic Technologies 02N06ZL-AL3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
02N06Z
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 4
www.unisonic.com.tw
QW-R502-906.a
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 02N06ZL-AL3-R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
02N120 INFINEON-02N120 Datasheet
402Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
logo
Rectron Semiconductor
02N17 RECTRON-02N17 Datasheet
361Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 0.2 Ampere
02N18 RECTRON-02N18 Datasheet
361Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 0.2 Ampere
02N19 RECTRON-02N19 Datasheet
361Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 0.2 Ampere
logo
Unisonic Technologies
02N50 UTC-02N50 Datasheet
141Kb / 3P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 02N06ZL-AL3-R

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H2N7002SN HSMC-H2N7002SN Datasheet
117Kb / 5P
   N-Channel MOSFET (60V, 0.2A)
logo
Torex Semiconductor
XP231N02013R-G TOREX-XP231N02013R-G Datasheet
397Kb / 6P
   N-channel MOSFET 30V, 0.2A
logo
Dongguan City Niuhang E...
NVT075N03S NIUHANG-NVT075N03S Datasheet
750Kb / 8P
   Silicon 60V N-Channel MOSFET
NVT150N06C NIUHANG-NVT150N06C Datasheet
917Kb / 8P
   Silicon 60V N-Channel MOSFET
logo
Torex Semiconductor
XP231N02017R-G TOREX-XP231N02017R-G Datasheet
401Kb / 6P
   N-channel MOSFET 30V, 0.2A
XP231N0201TR-G TOREX-XP231N0201TR-G Datasheet
269Kb / 6P
   N-channel MOSFET 30V, 0.2A
XP231N02015R-G TOREX-XP231N02015R-G Datasheet
402Kb / 6P
   N-channel MOSFET 30V, 0.2A
logo
Fairchild Semiconductor
FQT1N80TF FAIRCHILD-FQT1N80TF Datasheet
814Kb / 8P
   N-Channel MOSFET 800V, 0.2A, 20
logo
Unisonic Technologies
BSS139Z UTC-BSS139Z Datasheet
137Kb / 3P
   0.2A, 50V N-CHANNEL POWER MOSFET
logo
AiT Semiconductor Inc.
BSS138L AITSEMI-BSS138L Datasheet
478Kb / 6P
   POWER MOSFET 0.2A, 50V N-CHANNEL
REV2.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com