Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

05D391KJ Datasheet(PDF) 1 Page - Socay Electornics Co., Ltd.

Part # 05D391KJ
Description  Radial Lead Varistor (MOV)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

05D391KJ Datasheet(HTML) 1 Page - Socay Electornics Co., Ltd.

  05D391KJ Datasheet HTML 1Page - Socay Electornics Co., Ltd. 05D391KJ Datasheet HTML 2Page - Socay Electornics Co., Ltd. 05D391KJ Datasheet HTML 3Page - Socay Electornics Co., Ltd. 05D391KJ Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Radial Lead Varistor (MOV)
Revision September 25, 2013
1 / 4
@SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
10D Series
SOCAY Electronics Co., Ltd.
www.socay.com
05D Series
The 05D series radial leaded varistors provides an ideal circuit
protection solution for lower DC voltage applications by
offering higher surge ratings than ever before available in such
small discs.
The maximum peak surge current rating can reach up to
0.8KA (8/20
μs pulse) to protect against high peak surges,
including
indirect
lightning
strike
interference,
system
switching transients and abnormal fast transients from the
power source.
u
Wide operating voltage (V1mA) range from 8V to 750V
u
Fast responding to transient over-voltage
u
Large absorbing transient energy capability
u
Low clamping ratio and no following-on current
u
Meets MSL level 1, per J-STD-020
u
Transistor, diode, IC, thyristor or triac semiconductor
protection
u
Surge protection in consumer electronics
u
Surge protection in industrial electronics
u
Surge protection in electronic home appliances, gas and
petroleum appliances
u
Relay and electromagnetic valve surge absorption
Material
No Radioactive Material
Operating Temperature
-55~85
ºC
Storage Temperature
-55~125
ºC
Body
Nickel Plated
Leads
Tin Plated
Devices with No lead
Nickel Plated
General Characteristics
Description
Features
Applicable


Similar Part No. - 05D391KJ

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
05D391KJ HUAXINAN-05D391KJ Datasheet
472Kb / 6P
   Metal Oxide Varistors (MOV)
logo
Shanghai Leiditech Elec...
05D391KJ LEIDITECH-05D391KJ Datasheet
824Kb / 5P
   Metal Oxide Varistors
logo
UN Semiconducctor INC
05D391KJ UNSEMI-05D391KJ Datasheet
3Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
More results

Similar Description - 05D391KJ

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
14D180K SOCAY-14D180K Datasheet
309Kb / 4P
   Radial Lead Varistor (MOV)
logo
UN Semiconducctor INC
40D UNSEMI-40D Datasheet
2Mb / 4P
   Radial Lead Varistor (MOV)
Revision March 1,2022
34S750T UNSEMI-34S750T Datasheet
2Mb / 3P
   Radial Lead Varistor (MOV)
Revision March 1,2022
07D UNSEMI-07D Datasheet
2Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
20D UNSEMI-20D Datasheet
3Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
34S UNSEMI-34S Datasheet
1Mb / 3P
   Radial Lead Varistor (MOV)
Revision March 1,2022
14D UNSEMI-14D Datasheet
3Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
20D-YC UNSEMI-20D-YC Datasheet
3Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
20DJ2-J3 UNSEMI-20DJ2-J3 Datasheet
2Mb / 6P
   Radial Lead Varistor (MOV)
Revision March 1,2022
10D-EC UNSEMI-10D-EC Datasheet
3Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com