Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20D330KJ Datasheet(PDF) 2 Page - Socay Electornics Co., Ltd.

Part # 20D330KJ
Description  Radial Lead Varistor (MOV)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

20D330KJ Datasheet(HTML) 2 Page - Socay Electornics Co., Ltd.

  20D330KJ Datasheet HTML 1Page - Socay Electornics Co., Ltd. 20D330KJ Datasheet HTML 2Page - Socay Electornics Co., Ltd. 20D330KJ Datasheet HTML 3Page - Socay Electornics Co., Ltd. 20D330KJ Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Radial Lead Varistor (MOV)
Revision September 25, 2013
2 / 4
@SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
10D Series
SOCAY Electronics Co., Ltd.
www.socay.com
20D Series
Type Number
Maximum
Allowable
voltage
Varistor
Voltage
Maximum
Clamping
Voltage
Withstanding
Surge
Current
Maximum
Energy
(10/1000
μs)
Rated
Power
Typical
Capacitance
(Reference)
I(A)
Standard
I(A)
High Surge
Standard
High
Surge
VAC
(V)
VDC
(V)
V1mA
(V)
IP (A)
VC
(V)
1
Time
2
Times
1
Time
2
Times
(J)
Standard
(J)
High Surge
(W)
@1KHZ
(pf)
20D180K
20D180KJ
11
14
18(15~21.6)
20
36
2000
1000
3000
1000
11
13
0.2
28500
20D220K
20D220KJ
14
18
22(19.5~26)
20
43
2000
1000
3000
1000
14
16
0.2
18500
20D270K
20D270KJ
17
22
27(24~30)
20
53
2000
1000
3000
1000
16
19
0.2
13000
20D330K
20D330KJ
20
26
33(29.5~36.5)
20
66
2000
1000
3000
1000
23
24
0.2
11500
20D390K
20D390KJ
25
31
39(35~43)
20
77
2000
1000
3000
1000
26
28
0.2
8500
20D470K
20D470KJ
30
38
47(42~54)
20
93
2000
1000
3000
1000
30
34
0.2
7400
20D560K
20D560KJ
35
45
56(50~62)
20
100
2000
1000
3000
1000
41
41
0.2
6500
20D680K
20D680KJ
40
56
68(61~75)
20
135
2000
1000
3000
1000
46
49
0.2
5800
20D820K
20D820KJ
50
65
82(74~90)
100
135
6500
4000
10000
7000
38
56
1.0
4900
20D101K
20D101KJ
60
85
100(90~110)
100
165
6500
4000
10000
7000
45
70
1.0
4000
20D121K
20D121KJ
75
100
120(108~132)
100
200
6500
4000
10000
7000
55
85
1.0
3300
20D151K
20D151KJ
95
125
150(135~165)
100
250
6500
4000
10000
7000
70
106
1.0
2700
20D181K
20D181KJ
115
150
180(162~198)
100
300
6500
4000
10000
7000
85
130
1.0
2200
20D201K
20D201KJ
130
170
200(180~220)
100
340
6500
4000
10000
7000
95
140
1.0
2000
20D221K
20D221KJ
140
180
220(198~242)
100
360
6500
4000
10000
7000
100
155
1.0
1800
20D241K
20D241KJ
150
200
240(216~264)
100
395
6500
4000
10000
7000
108
168
1.0
1650
20D271K
20D271KJ
175
225
270(243~297)
100
455
6500
4000
10000
7000
127
190
1.0
1500
20D301K
20D301KJ
190
250
300(270~330)
100
500
6500
4000
10000
7000
136
210
1.0
1300
20D331K
20D331KJ
210
275
330(297~363)
100
550
6500
4000
10000
7000
150
228
1.0
1200
20D361K
20D361KJ
230
300
360(324~396)
100
595
6500
4000
10000
7000
163
255
1.0
1100
20D391K
20D391KJ
250
320
390(351~429)
100
650
6500
4000
10000
7000
180
275
1.0
1000
20D431K
20D431KJ
275
350
430(387~473
100
710
6500
4000
10000
7000
190
305
1.0
930
20D471K
20D471KJ
300
335
470(423~517)
100
775
6500
4000
10000
7000
220
350
1.0
850
20D511K
20D511KJ
320
415
510(459~561)
100
845
6500
4000
10000
7000
220
360
1.0
780
20D561K
20D561KJ
350
460
560(504~616)
100
925
6500
4000
10000
7000
220
380
1.0
710
20D621K
20D621KJ
385
505
620(558~682)
100
1025
6500
4000
10000
7000
220
390
1.0
650
20D681K
20D681KJ
420
560
680(612~748)
100
1120
6500
4000
10000
7000
230
400
1.0
600
20D751K
20D751KJ
460
615
750(675~825)
100
1240
6500
4000
10000
7000
255
420
1.0
530
20D781K
20D781KJ
485
640
780(702~858)
100
1290
6500
4000
10000
7000
265
440
1.0
510
20D821K
20D821KJ
510
670
820(738~902)
100
1355
6500
4000
10000
7000
282
460
1.0
500
20D911K
20D911KJ
550
745
910(819~1001)
100
1500
6500
4000
10000
7000
310
510
1.0
440
20D102K
20D102KJ
625
825
1000(900~1100)
100
1650
6500
4000
10000
7000
342
565
1.0
400
20D112K
20D112KJ
680
895
1100(990~1210)
100
1814
6500
4000
10000
7000
383
620
1.0
460
20D122K
20D122KJ
750
990
1200(1080~1320)
100
1980
6500
4000
10000
7000
408
660
1.0
320
20D182K
20D182KJ
1000
1465
1800(1620~1980)
100
2970
6500
4000
10000
7000
625
660
1.0
320
Specifications
– General Characteristics (25±5ºC)


Similar Part No. - 20D330KJ

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
20D330KJ HUAXINAN-20D330KJ Datasheet
456Kb / 6P
   Metal Oxide Varistors (MOV)
logo
UN Semiconducctor INC
20D330KJ UNSEMI-20D330KJ Datasheet
3Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
20D330KJ2 UNSEMI-20D330KJ2 Datasheet
2Mb / 6P
   Radial Lead Varistor (MOV)
Revision March 1,2022
More results

Similar Description - 20D330KJ

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
05D101K SOCAY-05D101K Datasheet
303Kb / 4P
   Radial Lead Varistor (MOV)
14D180K SOCAY-14D180K Datasheet
309Kb / 4P
   Radial Lead Varistor (MOV)
logo
UN Semiconducctor INC
40D UNSEMI-40D Datasheet
2Mb / 4P
   Radial Lead Varistor (MOV)
Revision March 1,2022
34S750T UNSEMI-34S750T Datasheet
2Mb / 3P
   Radial Lead Varistor (MOV)
Revision March 1,2022
07D UNSEMI-07D Datasheet
2Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
20D UNSEMI-20D Datasheet
3Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
34S UNSEMI-34S Datasheet
1Mb / 3P
   Radial Lead Varistor (MOV)
Revision March 1,2022
14D UNSEMI-14D Datasheet
3Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
20D-YC UNSEMI-20D-YC Datasheet
3Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
20DJ2-J3 UNSEMI-20DJ2-J3 Datasheet
2Mb / 6P
   Radial Lead Varistor (MOV)
Revision March 1,2022
10D-EC UNSEMI-10D-EC Datasheet
3Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com