Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UU642 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UU642
Description  INTERVAL AND WIPE/WASH WIPER CONTROL IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UU642 Datasheet(HTML) 5 Page - Unisonic Technologies

  UU642 Datasheet HTML 1Page - Unisonic Technologies UU642 Datasheet HTML 2Page - Unisonic Technologies UU642 Datasheet HTML 3Page - Unisonic Technologies UU642 Datasheet HTML 4Page - Unisonic Technologies UU642 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
UU642
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R121-022.a
TYPICAL APPLICATION CIRCUIT
R6
R5
10kΩ
10kΩ
8
7
6
5
C1
Relay
47µF
10V
UTC UU642
1
2
3
4
R1
510Ω
2.7kΩ
R2
C2
22µF
R4
Rtime=130kΩ
R3
S2
S1
10kΩ
M
M
S3
31
15
WIWA
Park
switch
Wiper motor
Interval switch
Water pump
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - UU642

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UU642G-D08-T UTC-UU642G-D08-T Datasheet
221Kb / 6P
   INTERVAL AND WIPE/WASH WIPER CONTROL IC
UU642G-S08-R UTC-UU642G-S08-R Datasheet
221Kb / 6P
   INTERVAL AND WIPE/WASH WIPER CONTROL IC
UU642L-D08-T UTC-UU642L-D08-T Datasheet
221Kb / 6P
   INTERVAL AND WIPE/WASH WIPER CONTROL IC
UU642L-S08-R UTC-UU642L-S08-R Datasheet
221Kb / 6P
   INTERVAL AND WIPE/WASH WIPER CONTROL IC
UU642 UTC-UU642_15 Datasheet
221Kb / 6P
   INTERVAL AND WIPE/WASH WIPER CONTROL IC
More results

Similar Description - UU642

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UU642 UTC-UU642_15 Datasheet
221Kb / 6P
   INTERVAL AND WIPE/WASH WIPER CONTROL IC
logo
IK Semicon Co., Ltd
IK642BN IKSEMICON-IK642BN Datasheet
417Kb / 11P
   INTERVAL- and WIPE/WASH WIPER CONTROL IC
logo
ATMEL Corporation
U642B ATMEL-U642B_05 Datasheet
195Kb / 12P
   Interval- and Wipe/ Wash Wiper Control IC
U642B ATMEL-U642B_07 Datasheet
241Kb / 12P
   Interval and Wipe/Wash Wiper Control IC
U642B ATMEL-U642B Datasheet
53Kb / 7P
   Interval- and Wipe/ Wash Wiper Control IC
U641B ATMEL-U641B_05 Datasheet
197Kb / 12P
   Interval and Wipe/Wash Wiper Control IC with Delay
U641B ATMEL-U641B Datasheet
167Kb / 10P
   INTERVAL AND WIPE/WASH WIPER CONTROL IC WITH DELAY
U641B ATMEL-U641B_07 Datasheet
243Kb / 12P
   Interval and Wipe/Wash Wiper Control IC with Delay
logo
TEMIC Semiconductors
U690B TEMIC-U690B Datasheet
102Kb / 9P
   Rear Wiper Interval/Wipe-Wash Control
logo
ATMEL Corporation
U2640B ATMEL-U2640B Datasheet
85Kb / 10P
   Intemittent- and Wipe/ Wash Control for Wiper Systems
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com