Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UT4812-S08-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UT4812-S08-T
Description  DUAL N-CHANNEL ENHANCEMENT MODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT4812-S08-T Datasheet(HTML) 5 Page - Unisonic Technologies

  UT4812-S08-T Datasheet HTML 1Page - Unisonic Technologies UT4812-S08-T Datasheet HTML 2Page - Unisonic Technologies UT4812-S08-T Datasheet HTML 3Page - Unisonic Technologies UT4812-S08-T Datasheet HTML 4Page - Unisonic Technologies UT4812-S08-T Datasheet HTML 5Page - Unisonic Technologies UT4812-S08-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UT4812
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-166.B
TYPICAL CHARACTERISTICS(Cont.)
VDS=15V
ID=6.9A
Capacitance Characteristics
Drain to Source Voltage,VDS (V)
Gate-Charge Characteristics
Gate Charge,QG (nC)
10
8
6
4
2
0
02
4
6
810
12
14
f=1MHZ
VGS=0V
COSS
CRSS
CISS
0
5
10
15
20
25
30
0
100
200
300
400
1000
900
800
700
600
500
1ms
10ms
0.1s
1s
10s
DC
100μs
10μs
RDS(ON) Limited
TJ(Max)=150℃
TA=25℃
100
10
1
0.1
0.1
1
10
100
Maximum Forward Biased Safe
Operating Area (Note E)
Drain to Source Voltage,VDS (V)
TJ(Max)=150℃
TA=25℃
40
30
20
10
0
0.001 0.01
0.1
1
10
100
1000
Pulse Width (s)
Single Pulse Power Rating Junction-
to-Ambient (Note E)
10
1
0.1
0.01
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Normalized Maximum Transient Thermal Impedance
In descending order
D=0.5,0.3,0.1,0.05,0.02,0.01,single pulse
D=TON/T
TJ,PK=TA+PDM.ZθJA.RθJA
RθJA=62.5℃/W
PDM
TON
T
Single Pulse


Similar Part No. - UT4812-S08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT4812G-S08-R UTC-UT4812G-S08-R Datasheet
239Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
SHENZHEN DOINGTER SEMIC...
UT4812G-S08-R DOINGTER-UT4812G-S08-R Datasheet
1Mb / 5P
   Dual N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
UT4812L-S08-R VBSEMI-UT4812L-S08-R Datasheet
1Mb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Unisonic Technologies
UT4812Z UTC-UT4812Z Datasheet
144Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE
UT4812Z UTC-UT4812Z Datasheet
153Kb / 4P
   30V, 6.9A DUAL N-CHANNEL ENHANCEMENT MODE
More results

Similar Description - UT4812-S08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UD9926 UTC-UD9926 Datasheet
209Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE
UT4812Z UTC-UT4812Z Datasheet
144Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE
logo
NXP Semiconductors
PHN210T NXP-PHN210T Datasheet
94Kb / 7P
   Dual N-channel enhancement mode
March 1999 Rev 1.000
logo
Unisonic Technologies
UT7317 UTC-UT7317 Datasheet
257Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE
UT4822 UTC-UT4822 Datasheet
198Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE
UD4606Z UTC-UD4606Z Datasheet
163Kb / 6P
   DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
UD606 UTC-UD606 Datasheet
388Kb / 9P
   DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
UD4614 UTC-UD4614 Datasheet
291Kb / 9P
   DUAL ENHANCEMENT MODE N-CHANNEL/P-CHANNEL)
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com