Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

URFP150 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # URFP150
Description  41A, 100V N-CHANNEL POWER MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

URFP150 Datasheet(HTML) 1 Page - Unisonic Technologies

  URFP150 Datasheet HTML 1Page - Unisonic Technologies URFP150 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNISONIC TECHNOLOGIES CO., LTD
URFP150
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 2
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-754.a
41A, 100V N-CHANNEL POWER
MOSFET
DESCRIPTION
The UTC URFP150 is an N-channel enhancement MOSFET using
UTC’s advanced technology to provide the customers with a
minimum on-state resistance and high switching speed.
FEATURES
* RDS(ON)<55mΩ @ VGS=10V,ID=25A
* High Switching Speed
TO-247
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
URFP150L-T47-T
URFP150G-T47-T
TO-247
G
D
S
Tube
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - URFP150

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
URFP064 UTC-URFP064 Datasheet
132Kb / 2P
   70A, 60V N-CHANNEL POWER MOSFET
URFP064G-T47-T UTC-URFP064G-T47-T Datasheet
132Kb / 2P
   70A, 60V N-CHANNEL POWER MOSFET
URFP064G-T47-T UTC-URFP064G-T47-T Datasheet
132Kb / 2P
   70A, 60V N-CHANNEL POWER MOSFET
URFP064L-T47-T UTC-URFP064L-T47-T Datasheet
132Kb / 2P
   70A, 60V N-CHANNEL POWER MOSFET
URFP064L-T47-T UTC-URFP064L-T47-T Datasheet
132Kb / 2P
   70A, 60V N-CHANNEL POWER MOSFET
More results

Similar Description - URFP150

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRE160D INTERSIL-FRE160D Datasheet
49Kb / 6P
   41A, 100V, 0.050 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
logo
Taiwan Semiconductor Co...
TSM150NB04CR TSC-TSM150NB04CR Datasheet
310Kb / 6P
   N-Channel Power MOSFET 40V, 41A, 15m廓
TSM150NB04LCR TSC-TSM150NB04LCR Datasheet
311Kb / 6P
   N-Channel Power MOSFET 40V, 41A, 15m廓
logo
International Rectifier
IRF1310S IRF-IRF1310S Datasheet
361Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.04ohm, Id=41A)
logo
Fairchild Semiconductor
FDP3672 FAIRCHILD-FDP3672 Datasheet
237Kb / 10P
   N-Channel PowerTrench MOSFET 105V, 41A, 33m?
logo
Taiwan Semiconductor Co...
TSM35N10 TSC-TSM35N10 Datasheet
356Kb / 6P
   100V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
15N10 DYELEC-15N10 Datasheet
1Mb / 8P
   100V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM85N10 TSC-TSM85N10 Datasheet
68Kb / 4P
   100V N-Channel Power MOSFET
TSM70N10 TSC-TSM70N10 Datasheet
383Kb / 6P
   100V N-Channel Power MOSFET
TSM160N10 TSC-TSM160N10 Datasheet
486Kb / 6P
   100V N-Channel Power MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com