Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD15V23T-2A Datasheet(PDF) 2 Page - Socay Electornics Co., Ltd.

Part # ESD15V23T-2A
Description  Transient Voltage Suppressors Array for ESD Protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

ESD15V23T-2A Datasheet(HTML) 2 Page - Socay Electornics Co., Ltd.

  ESD15V23T-2A Datasheet HTML 1Page - Socay Electornics Co., Ltd. ESD15V23T-2A Datasheet HTML 2Page - Socay Electornics Co., Ltd. ESD15V23T-2A Datasheet HTML 3Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Transient Voltage Suppressors Array for ESD Protection
Revision January 06, 2014
2 / 3
@ SOCAY Electronics Co., Ltd. 2014
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
ESDXXV23T-2A Series
SOCAY Electronics Co., Ltd.
www.socay.com
VC
Part Number
Device
Marking
VRWM
(V)
(Max.)
VB
(V)
(Min.)
IT
(mA)
VC
@1A
(Max.)
(Max.)
(@A)
IR
(
μA)
(Max.)
C
(pF)
(Typ.)
ESD3.3V23T-2A
M03
3.3
4.0
1
6.5
10.9
13
100
400
ESD05V23T-2A
M05
5
6.0
1
9.8
13.5
10
10
300
ESD08V23T-2A
M08
8
8.5
1
13.4
16.9
8
5
250
ESD12V23T-2A
M12
12
13.3
1
19
25.9
5
1
150
ESD15V23T-2A
M15
15
16.7
1
24
30
4
1
100
ESD24V23T-2A
M24
24
26.7
1
43
49
3
1
88
ESD36V23T-2A
M36
36
40.0
1
51
76.8
2
1
60
Fig1.
8/20
μs Pulse Waveform
Fig2. ESD Pulse Waveform (according to IEC 61000-4-2)
Fig3.
Power Derating Curve
Electrical Characteristics (@ 25℃ Unless Otherwise Specified )
Characteristic Curves
0
5
10
15
20
25
30
120
tr
100
80
60
40
20
0
Peak Value IPP
td=t IPP/2
TEST
WAVEFORM
PARAMETERS
tr=8μs
td=20μs
t - Time (
μs)
60ns
10%
30ns
tr = 0.7~1ns
Time (ns)
90%
100%
0
20
40
60
80 100 120 140 160 180 200
100
40
30
20
10
0
90
80
60
50
Ambient Temperature
– T
A (ºC)
70


Similar Part No. - ESD15V23T-2A

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
ESD15V23T-2A UNSEMI-ESD15V23T-2A Datasheet
2Mb / 4P
   Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
More results

Similar Description - ESD15V23T-2A

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SR05-4A SOCAY-SR05-4A Datasheet
323Kb / 7P
   Transient Voltage Suppressors Array for ESD Protection
SLVU2.8 SOCAY-SLVU2.8 Datasheet
143Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD24V08S-6L SOCAY-ESD24V08S-6L Datasheet
181Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD15V08S-4L SOCAY-ESD15V08S-4L Datasheet
263Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD05V25T-4C SOCAY-ESD05V25T-4C Datasheet
157Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD05V14T-2C SOCAY-ESD05V14T-2C Datasheet
250Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD05V08S-6L SOCAY-ESD05V08S-6L Datasheet
176Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD03V23T-2LA SOCAY-ESD03V23T-2LA Datasheet
234Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD03V23T-1A SOCAY-ESD03V23T-1A Datasheet
151Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD03V23T-LA SOCAY-ESD03V23T-LA Datasheet
230Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
SMDA24C-7 SOCAY-SMDA24C-7 Datasheet
198Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com