Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM7101 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # UM7101
Description  RoHS Compliant Versions Available
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UM7101 Datasheet(HTML) 3 Page - Microsemi Corporation

  UM7101 Datasheet HTML 1Page - Microsemi Corporation UM7101 Datasheet HTML 2Page - Microsemi Corporation UM7101 Datasheet HTML 3Page - Microsemi Corporation UM7101 Datasheet HTML 4Page - Microsemi Corporation UM7101 Datasheet HTML 5Page - Microsemi Corporation UM7101 Datasheet HTML 6Page - Microsemi Corporation UM7101 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
UM7000 / UM7100 / UM7200
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page
3
TM
®
HIGH POWER PIN DIODES
RoHS Compliant Versions Available
TY PIC AL RS V S I F
T Y P I CA L R P VS VOLT A G E
IF VS VF
CAPACI TANC E V S VOLTAG E
Copyright
 2006
Rev.: 2009-01-19


Similar Part No. - UM7101

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UM7101 MICROSEMI-UM7101 Datasheet
179Kb / 4P
   PIN DIODE
UM7101 MICROSEMI-UM7101 Datasheet
335Kb / 7P
   HIGH POWER PIN DIODES
UM7101 MICROSEMI-UM7101 Datasheet
322Kb / 7P
   Average power dissipation to 10 W
logo
Microchip Technology
UM7101A MICROCHIP-UM7101A Datasheet
2Mb / 221P
   Product Change Notification
03-Jul-2020
UM7101B MICROCHIP-UM7101B Datasheet
2Mb / 221P
   Product Change Notification
03-Jul-2020
More results

Similar Description - UM7101

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
EV200P TEC-EV200P Datasheet
227Kb / 2P
   RoHS versions available
logo
Vicor Corporation
VE-JT4-IW VICOR-VE-JT4-IW Datasheet
189Kb / 5P
   RoHS compliant (VE versions)
logo
Bourns Electronic Solut...
4114R-1-101 BOURNS-4114R-1-101 Datasheet
223Kb / 2P
   RoHS compliant* versions available (see How to Order ?쏷ermination??option)
4116R-1-470 BOURNS-4116R-1-470 Datasheet
223Kb / 2P
   RoHS compliant* versions available (see How to Order ?쏷ermination??option)
logo
MMD Components
HC-49U MMD-HC-49U Datasheet
74Kb / 3P
   RoHS Compliant Available
HC-49-US MMD-HC-49-US Datasheet
142Kb / 3P
   RoHS Compliant Available
MBH5 MMD-MBH5 Datasheet
87Kb / 2P
   RoHS Compliant Available
logo
Micross Components
AS5C512K8 MICROSS-AS5C512K8 Datasheet
719Kb / 19P
   RoHS Compliant Options Available
AS5LC1008 MICROSS-AS5LC1008 Datasheet
817Kb / 11P
   RoHS compliant options available
logo
Panasonic Semiconductor
EET-HC2C102HA PANASONIC-EET-HC2C102HA Datasheet
90Kb / 8P
   Long life with high capeacitance 2 and 3 pin versions available RoHS compliant PVC and RoHS compliant PETsleeve options
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com