Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UHE-56-000-D48-C Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # UHE-56-000-D48-C
Description  Isolated, High Effi ciency, 1.6 x 2 2-10 Amp, 12-30 Watt DC/DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UHE-56-000-D48-C Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  UHE-56-000-D48-C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. UHE-56-000-D48-C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. UHE-56-000-D48-C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. UHE-56-000-D48-C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. UHE-56-000-D48-C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UHE-56-000-D48-C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UHE-56-000-D48-C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UHE-56-000-D48-C Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UHE-56-000-D48-C Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
UHE Series
Isolated, High Efficiency, 1.6" × 2"
2-10 Amp, 12-30 Watt DC/DC Converters
MDC_UHE_12-30W Series.C01 Page 1 of 16
www.murata-ps.com
www.murata-ps.com/support
For full details go to
www.murata-ps.com/rohs
 
FEATURES
The most IOUT/POUT in this format
Lower priced than bricks
Small 1.6" x 2" x 0.4" plastic package
with standard 2" x 2" pinout
Output configurations:
1.2/1.5/1.8/2.5VOUT @ 10 Amps
3.3/5VOUT @ 25 Watts
5/12/15VOUT @ 30 Watts
Five input ranges from 9-75 Volts
Efficiencies as high as 91.5%
Stable no-load operation
Optional Sense pins for low VOUT
Thermal shutdown, I/O protected
1500 Vdc I/O BASIC Insulation
UL/EN60950-1 certified (2nd Edition);
CE marked for Q48 models
RoHS compliant
The UHE 12-30W Series of high-efficiency,
isolated DC/DC’s provide output power ranging
from 10 Amps @ 1.2V to 2 Amps @ 15V. Offering
both 2:1 and 4:1 input voltage ranges, UHE’s meet
VIN requirements from 9 to 75 Volts.
Taking full advantage of the synchronous-
rectifier, forward topology, UHEs boast outstanding
efficiency (some models exceed 91%) enabling
full-power operation to ambient temperatures as
high as +60°C, without air flow. Assembled using
fully automated, SMT-on-pcb techniques, UHEs
provide stable no-load operation, excellent line
(±0.1%) and load (±0.15%) regulation, quick step
response (200μsec), and low output ripple/noise
(50-100mVp-p). Additionally, the UHEs unique
output design eliminates one of the topology’s few
shortcomings–output reverse conduction.
All devices feature full I/O fault protection
including: input overvoltage and undervoltage
shutdown, precise output overvoltage protection
(a rarity on low-voltage outputs), output current
limiting, short-circuit protection, and thermal
shutdown.
All UHE models incorporate a VOUT Trim function
and an On/Off Control pin (positive or negative
logic). Low-voltage models (1.2V to 5V) offer
optional sense pins facilitating either remote load
regulation or current sharing for true N+1 redun-
dancy. All models are certified to the BASIC insula-
tion requirements of UL/EN60950-1 (2nd Edition),
and 48VIN (75V max.) models carry the CE mark.
Selected models are RoHS compliant (Reduction
of Hazardous Substances).
PRODUCT OVERVIEW
–OUTPUT
(7)
–SENSE
(8)
+INPUT
(1)
–INPUT
(2)
PWM
CONTROLLER
REFERENCE &
ERROR AMP
THERMAL
SHUTDOWN
OPTO
ISOLATION
OPTO
ISOLATION
UVLO & OVLO
COMPARATORS
OVERVOLTAGE
COMPARATOR
ON/OFF
CONTROL
(4)
VOUT TRIM
(9)
+OUTPUT
(6)
+SENSE
(5)
SWITCH
CONTROL
*Onephaseoftwoisshown.
Optional comparator feedback. Contact MPS.
Sense pins are optional on 1.2-5VOUT models ("R" suffix).
Typical topology is shown.
Typical units
Figure 1. Simplified Block Diagram
Housed in smaller, 1.6" x 2" x 0.40" (41 x 51 x 10.2mm)
packages carrying the standard 2" x 2" pinout, MPS’s new
UHE Series DC/DC Converters deliver more current/power
(up to 10A/30W) than currently available from either
package size.


Similar Part No. - UHE-56-000-D48-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UHE-5/5000-Q12-C MURATA-UHE-5/5000-Q12-C Datasheet
481Kb / 16P
   Isolated, High Effi ciency, 1.6" 횞 2" 2-10 Amp, 12-30 Watt DC/DC Converters
logo
Murata Power Solutions ...
UHE-5/5000-Q12-C MURATA-PS-UHE-5/5000-Q12-C Datasheet
1Mb / 16P
   Isolated, High Efficiency, 1.6" × 2" 2-10 Amp, 12-30 Watt DC/DC Converters
2021
logo
Murata Manufacturing Co...
UHE-5/5000-Q48-C MURATA-UHE-5/5000-Q48-C Datasheet
481Kb / 16P
   Isolated, High Effi ciency, 1.6" 횞 2" 2-10 Amp, 12-30 Watt DC/DC Converters
logo
Murata Power Solutions ...
UHE-5/5000-Q48-C MURATA-PS-UHE-5/5000-Q48-C Datasheet
1Mb / 16P
   Isolated, High Efficiency, 1.6" × 2" 2-10 Amp, 12-30 Watt DC/DC Converters
2021
logo
Murata Manufacturing Co...
UHE-5/6000-D48-C MURATA-UHE-5/6000-D48-C Datasheet
481Kb / 16P
   Isolated, High Effi ciency, 1.6" 횞 2" 2-10 Amp, 12-30 Watt DC/DC Converters
More results

Similar Description - UHE-56-000-D48-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UHE MURATA-UHE Datasheet
481Kb / 16P
   Isolated, High Effi ciency, 1.6" 횞 2" 2-10 Amp, 12-30 Watt DC/DC Converters
logo
Artesyn Technologies
SIL10E-05W3V3-VJ ARTESYN-SIL10E-05W3V3-VJ Datasheet
721Kb / 3P
   49.9 Watt (10 Amp) Non-Isolated DC-DC Converters
SIL10E-05W3V3-VJ ARTESYN-SIL10E-05W3V3-VJ_15 Datasheet
721Kb / 3P
   49.9 Watt (10 Amp) Non-Isolated DC-DC Converters
logo
AIMTEC
AM2D AIMTEC-AM2D Datasheet
268Kb / 3P
   2 watt dc-dc converters
logo
Linear Technology
LTM4600 LINER-LTM4600_06 Datasheet
343Kb / 24P
   10A High Effi ciency DC/DC 關Module
logo
AIMTEC
AM2N-N AIMTEC-AM2N-N Datasheet
459Kb / 3P
   2 watt dc-dc converters
AM2S AIMTEC-AM2S Datasheet
241Kb / 2P
   2 watt dc-dc converters
AM2D-N AIMTEC-AM2D-N Datasheet
389Kb / 3P
   2 watt dc-dc converters
AM2F AIMTEC-AM2F Datasheet
246Kb / 2P
   2 watt dc-dc converters
logo
CINCON ELECTRONICS Corp...
EC2SB CINCON-EC2SB Datasheet
218Kb / 2P
   10 WATT 2:1 INPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com