Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDB4228 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CDB4228
Description  24-Bit, 96 kHz Surround Sound Codec?
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4228 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CDB4228 Datasheet HTML 7Page - Cirrus Logic CDB4228 Datasheet HTML 8Page - Cirrus Logic CDB4228 Datasheet HTML 9Page - Cirrus Logic CDB4228 Datasheet HTML 10Page - Cirrus Logic CDB4228 Datasheet HTML 11Page - Cirrus Logic CDB4228 Datasheet HTML 12Page - Cirrus Logic CDB4228 Datasheet HTML 13Page - Cirrus Logic CDB4228 Datasheet HTML 14Page - Cirrus Logic CDB4228 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
CS4228
DS307PP1
11
TYPICAL CONNECTION DIAGRAM
+5V
Supply
+ 1 µF
0.1
µF
+ 1 µF
0.1
µF
VA
VD
AGND
DGND
MCLK
External
Clock Input
All unused inputs
should be tied to 0V.
AOUT1
AOUT2
AOUT3
AOUT4
AOUT5
AOUT6
FILT
150
AINL-
AINL+
AINR-
AINR+
CS4228
ANALOG
FILTER
MUTEC
+3.3V or 5 V
Supply
VL
+ 1 µF
0.1
µF
10
7
22
15
28
27
26
25
24
23
9
8
21
18
19
17
16
10
µF
Ferrite Bead
ANALOG
FILTER
ANALOG
FILTER
ANALOG
FILTER
ANALOG
FILTER
ANALOG
FILTER
2
* Required for I C
control port mode
only
VL
150
2.2 nf
2.2 nf
+3.3V
Supply
Ferrite Bead
Ferrite Bead
Digital Audio
Peripheral
or
DSP
SDIN1
SDIN2
SDIN3
SDOUT
LRCK
SCLK
50
50
33 K*
4
1
2
3
5
6
50
Microcontroller
SCL/CCLK
AD0/CS
RST
14
13
11
SDA/CDIN
12
2.2 K*
VL
22
µF
22
µF
+
+
+
100
µF
100
µF
+
+
0.1
µF
20
0.1
µF
Figure 5. Recommended Connection Diagram


Similar Part No. - CDB4228

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB4228A CIRRUS-CDB4228A Datasheet
518Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec?
CDB4228A CIRRUS-CDB4228A Datasheet
672Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec
More results

Similar Description - CDB4228

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4228A CIRRUS-CS4228A_03 Datasheet
672Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec
CS4228A CIRRUS-CS4228A Datasheet
518Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec?
logo
Texas Instruments
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
[Old version datasheet]   24-Bit 96 kHz Stereo Audio Codec
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
[Old version datasheet]   24-BIT 96 kHz STEREO AUDIO CODEC
logo
Cirrus Logic
CS4226 CIRRUS-CS4226 Datasheet
1Mb / 60P
   Surround Sound Codec
CS4226 CIRRUS-CS4226_04 Datasheet
643Kb / 37P
   Surround Sound Codec
logo
Analog Devices
AD1838 AD-AD1838 Datasheet
424Kb / 24P
   2 ADC, 6 DAC,96 kHz, 24-Bit Codec
REV. 0
AD1838A AD-AD1838A_15 Datasheet
537Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
REV. A
AD1839 AD-AD1839_15 Datasheet
325Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1835 AD-AD1835_15 Datasheet
705Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com